PART |
Description |
Maker |
TOP200 TOP200-4 TOP200YAI TOP204YAI TOP203YAI TOP2 |
From old datasheet system Digital Pushwheel Switch; No. of Switch Positions:10; Switch Terminals:Solder Lug; Contact Current Max:1A; Leaded Process Compatible:Yes; Mounting Type:Extended Leads; Output Code:BCD; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Three-terminal Off-line PWM Switch(160.70 k) 0-100 W TOPSwitch using 230 VAC input or 0 0-100糯的TOPSwitch使用230伏交流输入或0
|
Power Integrations Inc Power Integrations Inc. N.A. POWERINT[Power Integrations, Inc.]
|
DC22.6111.111 DC22.6121.111 DC22.6123.111 DC22.622 |
IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
|
Schurter Inc.
|
225003 225.250 22503.5 224 225.100 225.125 225.375 |
Axial Lead and Cartridge Fuses - Subminiature Glass Body Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Switch Terminals:Through Hole; Mounting Type:PCB; Size:15.24 x Full Travel, Low Profile Mech. Keyswitch Tactile Feel, 65cN w/ Diode, No LED Frame Mount (no fixation pins) Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Switch Terminals:Through Hole; Mounting Type:PCB RoHS Compliant Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Switch Terminals:Through Hole; Leaded Process Compatible Limit Switch,STRAIGHT,SPST,OFF-(ON),PC TAIL Terminal,KEYLOCK,PCB Hole Count:5 Full Travel, Low Profile Mech. Keyswitch Linear Feel, 60cN No LED, No Diode Frame Mount (no fixation pins)
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
MISM-3V1 |
Surface mounting normally open switch
|
HAMLIN Position and Movement Sensor Solutions
|
LNK364DN-TL LNK363DN-TL LNK364GN-TL LNK363GN-TL LN |
IC SWITCH OFF-LINE 4/9W 8-SMD 0.4 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO7 IC SWITCH OFF-LINE 3.7/7.5W 8SMD 0.4 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO7 LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
|
Power Integrations, Inc. Power Integrations, Inc...
|
BPI-3C1-05 |
Non-contact switching For direct PC board or dual-in-line socket mounting.
|
Bright LED Electronics Corp.
|
LED18-GGG-P |
Mounting Brackets for Mini Limit Switch Sensors
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
RM-06-R RM-03-T-R RMR-03-T-R RM-10-T RM-03-R RM-06 |
SURFACE MOUNTING TYPE DIP SWITCH 表面贴装型拨动开
|
DB Lectro Inc. DB Lectro, Inc.
|
MIC2075-1YM MIC202510 MIC2025-1YM MIC2025-2YM MIC2 |
Single-Channel Power Distribution Switch MM8庐 Single-Channel Power Distribution Switch MM8? 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):140mohm; Number of Channels:1; Leakage Current:10mA; Package/Case:8-SOP; Mounting Type:Surface Mount
|
Micrel Semiconductor MICREL INC
|