PART |
Description |
Maker |
FRT250T 7100.1125.XX 7100.1017.XX 7100.1117.XX 710 |
TIME LAG BLOW ELECTRIC FUSE, 0.5A, 250VAC, 250VDC, 35A (IR), THROUGH HOLE Subminiature Fuse, 11.5 x 5 mm, Tr?e T Subminiature Fuse, 11.5 x 5 mm, Tr庐e T Subminiature Fuse, 11.5 x 5 mm, Tr盲ge T
|
Schurter Inc.
|
SS-5F-1A-AP1 SS-5F-10A-AP SS-5F-2.5A-BK SS-5F-2.5A |
FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE ROHS COMPLIANT PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk; Voltage Rating:125V RoHS Compliant: Yes PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 50A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 50A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
8020.0516.XX 8020.0514.XX 8020.0517.XX 8020.0521.X |
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
|
Schurter Inc.
|
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
172844 |
Subminiature Fuse, 3.8 x 10 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|
7100.0200.XX 7100.0160.XX 7100.0170.XX 7100.0180.X |
Subminiature Fuse, 10 x 10 mm, 125 VAC, 125 VDC
|
Schurter Inc.
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|