PART |
Description |
Maker |
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
R585332000 R585423440 R585423410 R585322530 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.42A (COIL), 12VDC (COIL), 5040mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.205A (COIL), 28VDC (COIL), 5740mW (COIL), 18000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.5A (COIL), 12VDC (COIL), 6000mW (COIL), 3000MHz, 120W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
SM-2-B-D-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
R574.F82.600 |
RF COAXIAL RELAY, SP6T, LATCHED, 0.96A (COIL), 12VDC (COIL), 11520mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
DBR71215P |
DRY REED RELAY, DPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), PANEL MOUNT
|
CYNERGY3 CORP
|
1811-1E-0500 |
OFF-DELAY RELAY, SPST, MOMENTARY, 0.01A (COIL), 31VDC (COIL), 310mW (COIL), 0.05s, PANEL MOUNT
|
HI-G ITALIA SRL
|
R574.F92.600 |
RF COAXIAL RELAY, SP6T, LATCHED, 0.96A (COIL), 12VDC (COIL), 11520mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
TFK1632C48VDC |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 912mW (COIL), 5A (CONTACT), PANEL MOUNT
|
ALLIED CONTROLS INC
|
FTR-K1TAK018T FTR-K1TJK018T FTR-K1TAK024T FTR-K1TJ |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 48VDC (COIL), 430mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 28VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 48VDC (COIL), 430mW (COIL), 12A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER RELAY 1 POLE - 17A Tab Terminal
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
PRD-3DG0-12 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.167A (COIL), 12VDC (COIL), 2000mW (COIL), 30A (CONTACT), PANEL MOUNT ROHS COMPLIANT
|
Coilcraft, Inc.
|
OJ-SS-112DM.000 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.038A (COIL), 12VDC (COIL), 450mW (COIL), 5A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
|
TE Connectivity, Ltd.
|
OMR-209HSV000 |
POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.031A (COIL), 9VDC (COIL), 280mW (COIL), 0.5A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
|
IRC Advanced Film
|
|