PART |
Description |
Maker |
XQV1000 XQV300 XQV600 |
QPRO Virtex 2.5V QML High-Reliability FPGAs(QPRO Virtex 2.5V QML 高可靠性现场可编程门阵
|
Xilinx, Inc.
|
XQ2V1000-4FG456N XQ2V6000-4FG456N XQ2V1000 XQ2V100 |
QPro Virtex-II 1.5V Military QML Platform FPGAs
|
XILINX[Xilinx, Inc]
|
XC1700D XC17128DDD8M XC17256DDD8M XC1736DDD8M XC17 |
From old datasheet system QPRO Family of XC1700D QML Configuration PROMs QPRO家庭的PROM配置的XC1700D QML QPRO Family of XC1700D QML Configuration PROMs 64K X 1 CONFIGURATION MEMORY, CDIP8 Cascadable for storing longer or multiple bitstreams QPRO Family of XC1700D QML
|
http:// XILINX[Xilinx, Inc] Xilinx, Inc. Xilinx Inc XILINX INC
|
XC17256DDD |
QPRO Family of XC1700D QML Configuration PROMs
|
XILINX
|
XC17128DDD8M |
QPRO Family of XC1700D QML Configuration PROMs
|
Xilinx
|
XQ2VP70 |
QPro Virtex-II Pro 1.5V Platform FPGAs
|
Xilinx, Inc
|
XQ4028EX-3CB196N XQ4005E-3CB196M XQ4005EX-3CB196M |
INDUCTOR HIGH CURRENT 8.2UH QPRO XQ4000E/EX QML第高可靠性的FPGA QPRO XQ4000E/EX QML High-Reliability FPGAs FPGA, 400 CLBS, 7000 GATES, 125 MHz, CPGA191 Field Programmable Gate Array (FPGA) FPGA, 1024 CLBS, 18000 GATES, 143 MHz, PQFP240 QPRO XQ4000E/EX QML High-Reliability FPGAs QPRO XQ4000E/EX QML第高可靠性的FPGA Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:7; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-90 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:7; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:20-90 Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-21 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight System Performance beyond 60 MHz
|
Xilinx, Inc. http://
|
XQVR1000-4CG560M XQVR1000-4CG560V XQVR600-4CB228M |
2.5V Radiation Hardened FPGAs 2.5V的抗辐射FPGA QPro Virtex 2.5V Radiation Hardened FPGAs
|
Panduit, Corp. Xilinx, Inc.
|
XC4VLX40 XC4VLX100 XC4VLX15 XC4VLX160 XC4VLX200 XC |
High-performance logic applications solution Virtex-4⑩ Family / newest generation FPGA VIRTEX-4⒙ FAMILY / NEWEST GENERATION FPGA Virtex-4??Family / newest generation FPGA Virtex-4 Family / newest generation FPGA Virtex-4?/a> Family / newest generation FPGA
|
XILINX[Xilinx, Inc] http://
|
XCV400E XCV300E-6PQ240C XCV300E-6PQ240I XCV300E-6B |
Densities from 58 k to 4 M system gates Virtex?E 1.8 V Field Programmable Gate Arrays Virtex垄芒-E 1.8 V Field Programmable Gate Arrays VIRTEX⒙-E 1.8 V FIELD PROGRAMMABLE GATE ARRAYS Virtex⑩-E 1.8 V Field Programmable Gate Arrays Virtex-E1.8VFieldProgrammableGateArrays
Extended Memory Field Programmable Gate Arrays GT 60C 60#16 SKT PLUG SOCKET-DIP, 16P, MACH CONT, .3LS, .17HI, GOLD DIODE SCHOTTKY 45V 110A D-61-SL SOCKET, IC 8 PIN DIP - Obsolete GT 5C 5#16S PIN PLUG GT 5C 5#16S SKT PLUG Virtex-E 1.8 V Field Programmable Gate Arrays 的Virtex.8伏现场可编程门阵 VirtexE 1.8 V Field Programmable Gate Arrays 的Virtex⑩娥1.8伏现场可编程门阵 CANMS3470L12-10PL/C FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA352 AB 10C 10#16 SKT ANG PLG ROHS RoHS Compliant: Yes 的Virtex⑩娥1.8伏现场可编程门阵 CANMS3470L10-6SL/C FPGA, 1536 CLBS, 82944 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA352 TVS Diode; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Polarization:Unipolar; Power Rating:1500W 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA900 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PBGA900 Field Programmable Gate Arrays 现场可编程门阵列 TAPE, CORONA, CHEMRES, 25MMX9.15M; Length, Reel (Metric):9.15m; Width, external:25mm RoHS Compliant: NA 现场可编程门阵列 TAPE, SEMICOND, RUBBER, 19MMX4.5M; Length, Reel (Metric):45m; Length, tape:45m; Material:Ethylene Propylene Rubber; Width, tape:19mm RoHS Compliant: NA 现场可编程门阵列 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA560 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PBGA900 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PQFP240 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA560 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 400 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA560 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 400 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 416 MHz, PBGA352 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 416 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 357 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 357 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 357 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 357 MHz, PQFP240 Virte -E 1.8 V Field Programmable Gate Arrays Virte1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 400 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 357 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 12696 CLBS, 685584 GATES, 357 MHz, PBGA1156 GT 4C 4#8 SKT PLUG FPGA, 3456 CLBS, 186624 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 400 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PBGA676 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PBGA432 SOCKET IC 24-PIN 现场可编程门阵列 71-604913-03S 的Virtex⑩娥1.8伏现场可编程门阵 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA352 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA860 GT 24C 24#16 PIN PLUG 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 400 MHz, PBGA900 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA352 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA256 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA456 GT 7C 7#12 PIN PLUG 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 400 MHz, PBGA560 Virtex??E 1.8 V Field Programmable Gate Arrays Virtex-E 1.8V field programmable gate array. Fast, High-Density 1.8 V FPGA Family Field Programmable Gate Arrays
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
XCV50E |
Virtex-e Field Programmable Gate Array
|
Xilinx
|
XCV100 |
Virtex Field Programmable Gate Array
|
Xilinx
|
|