PART |
Description |
Maker |
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
GSIFTB0755A GSIFTB0193A GSIFTB433E2 GSIFTB0460A GS |
1 FUNCTIONS, 167.5 MHz, SAW FILTER 1 FUNCTIONS, 70 MHz, SAW FILTER 1 FUNCTIONS, 433.92 MHz, SAW FILTER 1 FUNCTIONS, 300 MHz, SAW FILTER 1 FUNCTIONS, 159 MHz, SAW FILTER 1 FUNCTIONS, 81 MHz, SAW FILTER 1 FUNCTIONS, 260 MHz, SAW FILTER 1 FUNCTIONS, 40 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
FAR-F6CP-1G4890-D208 FAR-F5CP-881M50-D204 FAR-F5CP |
1 FUNCTIONS, 1441 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 881.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz)
|
FUJITSU LTD
|
CRCW080522ROFKEAHP CRCW080512K1FKEA EVAL-AD7903SDZ |
EVAL-AD7903SDZ User Guide UG-609
|
Analog Devices
|
B39510-B3862-H510 B3862 |
1 FUNCTIONS, 51 MHz, SAW FILTER SAW Components Low-Loss Filter 51,00 MHz
|
EPCOS AG EPCOS[EPCOS]
|
B4226 B39202-B4226-U810 |
2 FUNCTIONS, 1960 MHz, SAW FILTER SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
|
EPCOS AG EPCOS[EPCOS]
|
854660 854660-15 |
Filter - STD Low-Loss 1 FUNCTIONS, 70 MHz, SAW FILTER 70 MHz SAW Filter
|
TriQuint Semiconductor, Inc.
|
2843 |
30 MHz bandpass filter. The filter has a minimum 3 dB bandwidth of 3.2 MHz
|
KR Electronics, Inc.
|
SF0063CN02271T |
1 FUNCTIONS, 63 MHz, SAW FILTER 63 MHz SAW Filter 0.4 MHz Bandwidth
|
SPECTRUM CONTROL INC API Technologies Corp
|
B39389-J3353-K100 J3353K |
IF Filter for Quasi/Split Sound Applications 38,90 MHz 1 FUNCTIONS, 38.9 MHz, SAW-VIDEO/SOUND FILTER
|
EPCOS AG
|
|