PART |
Description |
Maker |
SD6109 |
VOLTAGE MODE PWM POWER SUPPLY WITH BUILT-IN SUPERVISOR, PROTECTION AND REGULATION FOR PCs
|
Silan Microelectronics Joint-stock
|
SW2658A |
Green Power Current Mode PWM switching power supply controller
|
SAMWIN
|
HA17384HPS HA17384HRP HA17384SPS HA17384SRP |
High Speed Current Mode PWM Control IC for Switching Power Supply
|
Renesas Electronics Corporation
|
HA17384 HA17384HPS HA17384HRP HA17384SPS HA17384SR |
High Speed Current Mode PWM Control IC for Switching Power Supply
|
HITACHI[Hitachi Semiconductor]
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
MAX8540-MAX8541 MAX8541EEE MAX8540 MAX8540EEE MAX8 |
Synchronizable / High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies From old datasheet system Synchronizable. High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies 可同步,高频率,电流和电压模式PWM控制器的隔离电源 Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
IMP38C42_D IMP38C42EMA IMP38C42EPA IMP38C42EPD IMP |
BiCMOS Current-Mode PWM Controllers BiCMOS Cur BiCMOS Curr rent-Mode ent-Mode PWM Contr PWM Controller ollers s From old datasheet system BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode External Plug-In Power Supply; Series:FW30; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Input Current:2.50A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No RECTIFIER BRIDGE 1.5A 800V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER STANDARD SINGLE 1A 400V 400 25A-ifsm 3uA-ir 1.1V-vf PowerDI123 3K/REEL 的BiCMOS电流模式PWM控制 RECTIFIER BRIDGE 1.5A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE 的BiCMOS电流模式PWM控制 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, UUC SWITCHING CONTROLLER, PDSO8 0.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO8
|
IMP[IMP Inc] A1 PROs co., Ltd. IMP[IMP, Inc] IMP Inc IMP INC.
|
FAN7585 FAN7585SN |
PWM AND SECONDARY COMBO IC Intelligent Voltage Mode PWM IC
|
FAIRCHILD[Fairchild Semiconductor]
|
NCP1217A NCP1217 NCP1217D65R2 NCP1217P65 NCP1217AD |
Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies PWM CURRENT- MODE CONTROL
|
ONSEMI[ON Semiconductor]
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6740 ISL6740IB ISL6740IBZ ISL6740IVZ ISL6741IVZ |
Flexible Double Ended Voltage and Current Mode PWM Controllers PWM controller for hard-switched full bridge and push-pull applications
|
INTERSIL[Intersil Corporation]
|