PART |
Description |
Maker |
5962-89841 |
Flash-erasable Reprogrammable CMOS PAL Device
|
Cypress Semiconductor
|
M5L27128K M5L27128K-2 |
131 072-BIT(16384-WORD BY 8-BIT) ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM
|
Mitsubishi Electric Semiconductor
|
M5M27C202JK-10 M5M27C202JK-12 M5M27C202JK-15 M5M27 |
2097152-BIT(131072-WORD BY 16-BIT) CMOS ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
EP1810LC-45 EP1810LC-20 EP1810LI-25 EP1810LI-45 EP |
UV-Erasable/OTP Complex PLD UV-Erasable/OTP复杂可编程逻辑器件 Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R UV-Erasable/OTPComplexPLD
|
Vicor, Corp.
|
P89LPC935FA P89LPC936 P89LPC936FDH P89LPC935FHN P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
|
PHILIPS[Philips Semiconductors]
|
MB98A809B |
Flash Erasable and Programmable Memory Card(4M电可擦可编程闪存) 闪光可擦除和可编程记忆卡(分电可擦可编程闪存
|
Fujitsu, Ltd.
|
M45PE40 M45PE40-VMP6G M45PE40-VMP6TG M45PE40-VMP6T |
4 Mbit Uniform Sector, Serial Flash Memory From old datasheet system 4 MBIT, LOW VOLTAGE, PAGE-ERASABLE SERIAL FLASH MEMORY WITH BYTE-ALTERABILITY AND A 33 MHZ SPI BUS INTERFACE
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
P89LPC931A1 P89LPC931A1FDH P89LPC9301 P89LPC9301FD |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
|
NXP Semiconductors
|
EPM5192ALC84-15 EPM5192AQC100-15 EPM5192AQI100-15 |
Eval Board for ISL8723 Power Sequencing Controllers ASIC Eval Board for ISL8106 Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers UV-Erasable/OTP复杂可编程逻辑器件 UV-Erasable/OTP Complex PLD UV-Erasable/OTP复杂可编程逻辑器件
|
ON Semiconductor
|
P89LPC9401FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
|
NXP Semiconductors
|