PART |
Description |
Maker |
LTC2286 LTC2286CUP LTC2286IUP LTC2286UP LTC2287 LT |
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology Corporation
|
LTC2246HLXPBF LTC2246H |
14-Bit, 25Msps 125C ADC In LQFP 14-Bit, 25Msps Low Power 3V ADCs 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC2237CUH LTC2237IUH LTC2238CUH LTC2238IUH LTC223 |
10-Bit, 65/40/25Msps Low Noise 3V ADCs 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC2291IUP LTC2291UP LTC2292IUP LTC2292UP LTC2293I |
Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
LTC2263-14 LTC2264CUJ-14 LTC2264CUJ-14PBF LTC2264C |
14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2170CUKG-14PBF LTC2170CUKG-14TRPBF LTC2170IUKG- |
14-Bit, 65Msps/40Msps/25Msps Low Power Quad ADCs
|
Linear Technology
|
LTC2296CUPPBF LTC2297IUPPBF LINEARTECHNOLOGYCORP-L |
Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 14-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1746 LTC1746CFW LTC1746IFWPBF LTC1746IFWTRPBF |
Low Power,14-Bit, 25Msps ADC; Package: SSOP; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48 Low Power,14-Bit, 25Msps ADC; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48
|
Linear Technology, Corp.
|
LTC2256-14 LTC2256CUJ-14-PBF LTC2256CUJ-14-TRPBF L |
14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
LTC1410-15 |
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
|
Linear Technology
|