PART |
Description |
Maker |
FM180-N FM1100-N FM120-N |
(FM120-N - FM1100-N) CHIIIP SCHOTTKY BARRIIIER RECTIIIFIIIER
|
PACELEADER INDUSTRIAL
|
GBU6J GBU6J-BP GBU6A-BP GBU6D-BP GBU6M-BP GBU6B-BP |
6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 6A 600V GBU 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 6A 800V GBU 6 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
SCV1423DMR2G |
Sync-Rect PFM Step-Up DC-DC Converter
|
ON Semiconductor
|
NCP1421-D |
500 mA Sync-Rect PFM Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
|
ON Semiconductor
|
NCP1411/D NCP1411-D |
Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
|
ON Semiconductor
|
X9269 X9269US24 X9269US24-2.7 X9269US24I X9269US24 |
Single Supply/Low Power/256-Tap/2-Wire Bus 3A,400V,SILASTIC RECT.
|
http:// Intersil Corporation
|
FR302-T |
RECT FAST REC 100V 3A DO-201AD 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Diodes, Inc.
|
CRNA20-1000 |
DIODE RECT 1000V 20A ISO TO220AB 12.7 A, 1000 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Crydom, Inc.
|
NCP1422MNR2G NCP1422MNR2 NCP1422 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
Rectron Semiconductor ONSEMI
|
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
MB251W-BP MB254W-BP MB2510W-BP MB2505W-BP MB256W-B |
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 25A 1000V WIRE LEADS 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
HSMS-2800 HSMS-2802 HSMS-2803 HSMS-2804 HSMS-280C |
SURFACE MOUNT RF SCHOTTKY BARRIER DIODES HSMS-2802 · Low reverse leakage Schottky diode HSMS-2803 · Low reverse leakage Schottky diode HSMS-2804 · Low reverse leakage Schottky diode HSMS-2805 · Low reverse leakage Schottky diode HSMS-2808 · Low reverse leakage Schottky diode HSMS-280B · Low reverse leakage Schottky diode HSMS-280C · Low reverse leakage Schottky diode HSMS-280E · Low reverse leakage Schottky diode HSMS-280F · Low reverse leakage Schottky diode HSMS-280K · Low reverse leakage Schottky diode HSMS-280L · Low reverse leakage Schottky diode HSMS-280M · Low reverse leakage Schottky diode HSMS-280N · Low reverse leakage Schottky diode HSMS-280R · Low reverse leakage Schottky diode
|
http:// Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|