PART |
Description |
Maker |
MR36PF34 MR24PA1 MR24PA14 MR24PA2 MR24PA3 MR24PA34 |
MINIATURE RIBBON STRAIGHT PCB TAIL IDC FLAT CABLE SOLDER TERMINALS RIGHT ANGLE PCB MOUNT
|
Adam Technologies, Inc.
|
PC617 PC6172C-12C PC6172C-12CC PC6172C-12CT PC6172 |
POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.083A (COIL), 6VDC (COIL), 498mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.041A (COIL), 12VDC (COIL), 492mW (COIL), PCB MOUNT-STRAIGHT Automotive Twin PCB Power Relay
|
PICKER[Picker Components]
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
50-65-0221 50-65-0220 50-65-0202 50-65-0204 50-65- |
SL PMC WToW SR ModBrnch 21Ckt 21-21 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER SL PMC WToW SR ModBrnch 20Ckt 20-20 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER SL PMC WToW SR ModBrnch 2Ckt 2-2 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER SL PMC WToW SR ModBrnch 4Ckt 50650215 SL PMC WToW SR ModBrnch 12Ckt
|
Molex, Inc. MOLEX INC
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
MP240D3 MP240D4 MP120D313 |
PCB Mount
|
Crydom Inc.,
|
ECP20UD12 ECP20UD15 ECP20UD24 |
PCB Mount
|
XP Power Limited
|
CPF5US15 CPF5US05 CPF5US03 |
AC-DC PCB Mount
|
XP Power Limited
|
DCU348D12 DCU348D15 DCU348S05 DCU348S12 DCU348S15 |
DC-DC PCB Mount
|
XP Power Limited
|
ECL15US03 ECL15US05 ECL15US09 ECL15US24 ECL15US15 |
PCB Mount
|
XP Power Limited
|
MPF240D4 MPF240D4R MPF |
PCB Mount
|
Crydom Inc.,
|
D2W202F D2W D2W203F-11 D1210-10 D1210-B Q1152107 D |
PCB Mount
|
Crydom Inc.,
|