PART |
Description |
Maker |
CSQ-3943T9 CSQ-3944T9 |
0.39 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-3943M9 CSQ-3944M9 |
0.39 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-2842S CSQ-2841S |
0.28 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-5244G CSQ-5245G |
0.52 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-542G CSQ-541G |
0.56 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-542M9 CSQ-541M9 |
0.56 Inch Quad Digit Display
|
China Semiconductor Corporation
|
CSQ-542S |
0.56 Inch Quad Digit Display
|
China Semiconductor Corporation
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3406LE LTS3406LE |
The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display 在三 3406LE是一.8英寸0.32毫米)两位数的高个位数七段显示器
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司 Lite-On Technology, Corp. ???绉???′唤??????
|
MDA6410C MDA6940C MDA6110C MDA6140C MDA6310C MDA63 |
0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 0.54 INCH (13.8MM) 14 SEGMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPH - NUMERIC STICK DISPLAY 0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY 14 SEG ALPHANUMERIC DISPLAY, HIGH EFFICIENCY RED, 13.72 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
LTD-432PC |
0.40 inch (10.21 mm) digit height dual digit seven-segment display 7 SEG NUMERIC DISPLAY, BRIGHT RED, 10.21 mm From old datasheet system
|
Lite-On Technology, Corp. 光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
LTS-3401LY LTS3401LY |
The LTS-3401LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|