PART |
Description |
Maker |
ISL9014IRFDZ ISL9014IRKPZ ISL9014IRPLZ ISL9014IRPP |
Dual LDO with Low Noise, Low IQ and High PSRR Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil Corporation Intersil, Corp.
|
LTC4416IMS-1 LTC4416 LTC4416-1 LTC4416EMS LTC4416E |
36V, Low Loss Dual PowerPath Controllers for Large PFETs; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
Linear Technology, Corp. LINER[Linear Technology]
|
2SC3583 2SC3583R 2SC3583S 2SC3583R35 2SC3583R34 2S |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT 双极型晶体管
|
NEC Corp. NEC, Corp.
|
LT3023IMSE LT3023EDDTR LT3023IDDPBF |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC6240HVIS8 LTC6240IS5 LTC6240IS8 LTC6241HVIDD LT |
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: DFN; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 650 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO16 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C QUAD OP-AMP, 400 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO16 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 325 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO16 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 275 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO16 Dual 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C DUAL OP-AMP, 400 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO8 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1126C LT1126CJ8 LT1126CN8 LT1126CS8 LT1126AC LT1 |
Dual/Quad Decompensated Low Noise/ High Speed Precision Op Amps Dual/Quad Decompensated Low Noise High Speed Precision Op Amps Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps QUAD OP-AMP, 160 uV OFFSET-MAX, 65 MHz BAND WIDTH, PDIP14 Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps DUAL OP-AMP, 140 uV OFFSET-MAX, 65 MHz BAND WIDTH, PDIP8 Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps QUAD OP-AMP, 240 uV OFFSET-MAX, 65 MHz BAND WIDTH, CDIP14
|
LINER[Linear Technology] Linear Technology, Corp.
|
ISL210070712 ISL21007 ISL21007BFB812Z ISL21007BFB8 |
Precision, Low Noise FGA?Voltage References Precision, Low Noise FGA?⒅oltage References Precision, Low Noise FGA⑩Voltage References Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
2SC3356 2SC3356S 2SC3356R24 2SC3356R25 2SC3356R23 |
For amplify low noise and high frequency MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR) TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 100MA I(C) | SOT-346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 12V的五(巴西)总裁| 100mA的一(c)|的SOT - 346
|
NEC[NEC] NEC Corp. NEC, Corp.
|
LT6203IS8 LT6203IMS8 LT6202CS5 |
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps DUAL OP-AMP, 7500 uV OFFSET-MAX, 90 MHz BAND WIDTH, PDSO8 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 7300 uV OFFSET-MAX, 95 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
LTM8022EVPBF LTM8022-15 |
1A, 36V DC/DC µModule; Package: LGA; No of Pins: 50; Temperature Range: -40°C to 125°C SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PBGA50 1A, 36V DC/DC Module
|
Linear Technology
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
|