PART |
Description |
Maker |
74F11200 74F112SJ 74F112 74F112PC 74F112SC 74F112S |
From old datasheet system Dual JK Negative Edge-Triggered Flip-Flop; Package: SOP; No of Pins: 16; Container: Tape & Reel F/FAST SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MAX1878ETC MAX187811 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
Maxim Integrated Products Maxim Integrated Produc...
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
IR3622MPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
IRF[International Rectifier]
|
IR3622AMPBF |
High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing
|
International Rectifier
|
LTC3838-1 LTC3838-2 LTC3869-2 LTC3880/ LTC3880-1 L |
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
|
Linear Technology
|
ACTS112HMSR-02 |
ACT SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16
|
HARRIS SEMICONDUCTOR
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
XCM517BC03DR XCM517BC07DR XCM517BC06DR XCM517BC01D |
600mA Synchronous Dual Output Step-Down DC/DC Converters
|
Torex Semiconductor
|
AN7908F AN7908T AN7912F AN7912T AN7920F AN7920T AN |
3-pin Negative Output Voltage Regulators 1A Type 3-pin Negative Output Voltage Regulators (1A Type) ASSY CABLE H.FL/SMA JACK 3,0 CON/15 FJ DP SO T BL RC
|
http:// PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
SC244308 |
Dual-Phase Single or Two Output Synchronous Step-Down Controller
|
Semtech Corporation
|