PART |
Description |
Maker |
V23833-G2005-A101 V23833-G6005-A101 V23833-G6005-A |
XPAK 850 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
|
INFINEON[Infineon Technologies AG]
|
FTLX8551E3 FTLX8551E3S FTLX8551F3 |
RoHS-6 Compliant 10 Gb/s 850nm XPAK Transponder
|
Finisar Corporation.
|
0474680001 |
2.54mm (.100) SIM Card Connector, 6 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079), Lead Free MOLEX Connector
|
Molex Electronics Ltd.
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
FCI-INGAAS-25C |
10Gbps InGaAs Photodiode
|
Laser Components
|
MAX3942ETG MAX3942ETG_ MAX3942 |
10Gbps Modulator Driver
|
MAXIM[Maxim Integrated Products]
|
KBPC1501 KBPC1504 KBPC15005 KBPC1508 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125
|
DC Components Co., Ltd.
|
IXF18102 |
10Gbps Physical Layer Device
|
Intel Corporation
|
CLC1020IST5X |
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
|
Exar Corporation
|
AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632A |
Dual, 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifier 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers 1.8伏,5兆赫轨到轨低功耗运算放大器 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
BZX384 BZX384-C4V7 BZX384-C8V2 BZX384-C5V6 BZX384- |
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps BZX384 series; Voltage regulator diodes
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|