PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|
G930 G931T24U G930T21B G930T21T G930T21U G930T22B |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.5V 400mA Low Dropout Regulator
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 |
anyCAP?/a> 100 mA Low Dropout Linear Regulator anyCAP⑩ 100 mA Low Dropout Linear Regulator anyCAP 100 mA Low Dropout Linear Regulator anyCAP100 mA Low Dropout Linear Regulator anyCAP00 mA时低压差线性稳压器
|
AD[Analog Devices] Analog Devices, Inc.
|
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
ACE502 |
400mA CMOS Low Dropout Voltage Low consumption Regulator
|
ACE Technology
|
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
LP3965EMP-1.8 LP3965EMP-2.5 |
1.5A Fast Ultra Low Dropout Linear Regulators LP3965 - 1.5A Fast Ultra Low Dropout Linear Regulator, Package: SOT-223, Pin Nb=5
|
NSC
|
SPX2945S-5-0TR SPX2945T5-5-0 SPX2945T5-5-0TR SPX29 |
400mA Low Dropout Voltage Regulator with Shutdown
|
Sipex Corporation
|
LT3009IDC-1.2-PBF LT3009IDC-1.2-TRPBF LT3009IDC-1. |
3楼矛A IQ, 20mA Low Dropout Linear Regulators 3渭A IQ, 20mA Low Dropout Linear Regulators 3μA IQ, 20mA Low Dropout Linear Regulators
|
Linear Technology
|