PART |
Description |
Maker |
DIP-1987-11-1001DB DIP-1987-11-1001DC DIP-1987-11- |
TaNFilm Precision DIP Network Commercial and MIL Qualified TaNFilm垄莽 Precision DIP Network Commercial and MIL Qualified TaNFilm? Precision DIP Network Commercial and MIL Qualified RESISTOR, NETWORK, FILM, ISOLATED, 1.6 W, THROUGH HOLE MOUNT DIP-16
|
IRC - a TT electronics ... IRC - a TT electronics Company. http:// IRC Advanced Film
|
RN55D4170FB14 RN55E1002BR36 |
RESISTOR, METAL FILM, 0.125 W, 1 %, 100 ppm, 417 ohm, THROUGH HOLE MOUNT AXIAL LEADED Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
|
Vishay Siliconix
|
SFMC28-461 SFMC28-461F |
Operating temperature -55掳 to 125掳C Qualified to MIL-PRF-38534 Class H and K Operating temperature -55° to 125°C Qualified to MIL-PRF-38534 Class H and K
|
Interpoint Corporation Company
|
G |
Military, MIL-R-26 Qualified, Type RW, Precision Power, Silicone Coated, Complete Welded Construction, High Temperature Silicone Coated and Molded, Available in Non-Inductive Styles (Type GN)
|
Vishay
|
M8340108K1000BC M8340108K1000BG M8340108K1000FC M8 |
Commercial and MIL Qualified
|
TT Electronics.
|
MS75101 MS18130 MS90538 MS75083 MS75084 MS75085 |
Inductors Military, MIL-PRF-15305 Qualified, Type LT, Molded
|
Vishay Siliconix
|
JAN1N3997AAE3 JANTX1N3997AAE3 JANTXV1N3997AAE3 1N3 |
10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
|
Microsemi Corporation
|
MS75087 MS75088 |
Military, MIL/PRF/15305 Qualified, Type LT Molded, Shielded
|
Vishay Siliconix
|
M55342K12B2B80R |
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
|
Vishay Siliconix
|
M3900301 M3900303 M3900306 M3900309 |
Solid-Electrolyte TANTALEX? Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
|
Vaishali Semiconductor
|
AS-10 |
Semi-Precision Power Wirewound Resistor
|
Welwyn Components Limited
|