BUS-8553-15L BUS-8553-10S BUS-8553-53S BUS-8553-53 |
Mono 1W speaker and stereo 160mW headset BTL drivers with digital volume control 200W mono BASH® power amplifier 3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers Seven darlington array 通信集成电路 3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers 通信集成电路 /- 15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers 通信集成电路 CMOS quad 3-state differential line receiver 通信集成电路 Very low noise microphone preamplifier with 2.0V bias output and active low standby mode 通信集成电路 5 V powered multi-channel RS-232 drivers and receivers 通信集成电路 /-15KV ESD protected, Low power RS-485/RS-422 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver /-15 kV ESD protected, low power RS-485/RS-422 transceiver 2.5A high-side driver industrial intelligent power switch Interface circuit (relay and lamp driver) Programmable low voltage 1:10 differential LVDS clock driver Low power single CMOS timer HIGH SPEED DIFFERENTIAL LINE DRIVERS 360mW mono amplifier with standby mode /- 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down /- 15 kV ESD protected 5 V RS-232 transceiver 60 V 6 A quad power half bridge /- 15KV ESD protected 2.3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown 80V - 1.5A QUAD DARLINGTON SWITCHES 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors /- 15 kV ESD protected 3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto power-down GENERAL PURPOSE SINGLE BIPOLAR TIMERS DUAL CHANNEL, 12-BIT, 20MSPS, 120MW, A/D CONVERTER Rail-to-rail input/output 20 MHz GBP operational amplifiers Quad channel high side driver Interface circuit - relay and lamp-driver High-voltage half bridge driver Quad high side smart Power solid state relay DELTA/SIGMA CASCADE 20 BIT STEREO DAC High-voltage high and low side driver Telecommunication IC DUAL CHANNEL, 10 BIT, 20/40MSPS A/D CONVERTER DUAL-CHANNEL, 12-BIT, 40MSPS A/D CONVERTER High side current sense amplifier 50V - 1.5A QUAD DARLINGTON SWITCHES
|
API Delevan Infineon Technologies AG Honeywell International, Inc. Black Box, Corp. Integrated Device Technology, Inc. Cypress Semiconductor, Corp. Electronic Theatre Controls, Inc.
|
L9348 L9348-DIE1 L9348-TR |
Relay, DPDT, 16 Amp, Dual Coil,24A RoHS Compliant: Yes CAP CER 1500PF 3.15KVDC R3 RAD QUAD LOW SIDE DRIVER QUAD LOW SIDE DRIVER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|