PART |
Description |
Maker |
IDT72V291L20PF IDT72V281 IDT72V281L10PF IDT72V281L |
From old datasheet system 3.3 VOLT CMOS SuperSync FIFOTM 64K x 9 SuperSync FIFO, 3.3V
|
IDT[Integrated Device Technology]
|
IDT72275 IDT72285 |
CMOS SuperSync FIFO?
|
IDT
|
IDT72255LA IDT72255LA15PF IDT72255LA15TF IDT72265L |
CMOS SUPERSYNC FIFO?
|
IDT[Integrated Device Technology]
|
TC55417J TC55417P |
(TC55417P/J) 16384 x 4-Bit CMOS Static RAM
|
Toshiba
|
IDT72V265LA15PF IDT72V265LA15PFI 72V255LA15PF 72V2 |
MICROCIRCUIT, MEMORY, CMOS (STQFP) REV - IC MEMORY FIFO SYNCHRONOUS 3.3V 8K X 18 OTHER FIFO, 10 ns, PQFP64 3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. Integrated Device Technolog...
|
IDT72V2103L7-5BC IDT72V2103L7-5BCI IDT72V2103L7-5P |
128K x 18 / 256K x 9 SuperSync II FIFO, 3.3V 256K x 18 / 512K x 9 SuperSync II FIFO, 3.3V
|
IDT
|
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
ENA1095 LC87F1HC8SA |
CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
IDT72V36110L7.5PF V36100L6PF |
3.3 VOLT HIGH-DENSITY SUPERSYNC II36-BIT FIFO 128K X 36 OTHER FIFO, 5 ns, PQFP128 3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
MB85402 |
16384 Words x 16-Bit
|
Fujitsu
|