PART |
Description |
Maker |
DS4432U DS4432UTR |
Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
|
Maxim Integrated Products
|
MAX5800 MAX5801 |
Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
|
Maxim Integrated Products
|
TDA1566TH TDA1566J TDA1566-15 |
I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
|
NXP Semiconductors
|
AD7992BRM-1 |
2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10 2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP 2通道2位I2C兼容接口的ADC0引脚MSOP
|
Analog Devices, Inc.
|
TDF8599A-15 TDF8599ATH |
I2C-bus controlled dual channel 135W/4 Ohm, single channel 250W/2 Ohm class-D power amplifier with load diagnostics I2C-bus controlled dual channel 135 W/4 ? single channel 250 W/2 ?class-D power amplifier with load diagnostics
|
NXP Semiconductors
|
DS4412 |
I2C Adjustable Sink/Source Current DAC
|
Maxim Integrated Products
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
AD5667-RBRMZ-2 |
Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO10
|
Analog Devices, Inc.
|
87C552 S87C552-5A68 S87C552-4A68 S87C552-4BA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
|
PHILIPS[Philips Semiconductors]
|
PXAS30 PXAS30KBA PXAS30KBBE PXAS30KFA PXAS30KFBE P |
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
87C752 S87C752-5A28 S83C752-6A28-T NXPSEMICONDUCTO |
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC28 80C51 8-bit microcontroller family 2K/64 OTP/ROM/ 5 channel 8 bit A/D/ I2C/ PWM/ low pin count
|
NXP Semiconductors N.V. Philips Semiconductors
|
|