PART |
Description |
Maker |
MM1433 |
IC for Control of Lithium-ion Batteries Charging (one cell ~ two cell)
|
Mitsumi
|
ILC6382CIP-ADJ |
1-cell to 3 cell boost with true load disconnect
|
Impala Linear Corporation
|
ISL9220 ISL922010 ISL9220AIRTZ-T ISL9220AEVAL1Z IS |
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
|
Intersil Corporation
|
AT40K-FFT AT40K05LV AT40K20 AT40K20LV AT40K40 AT40 |
AT40K-FFT [Updated 8/98. 8 Pages] Fast fourier transform Intellectual Property Core for AT40K FPGAs From old datasheet system 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam. 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 40K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V)
|
Atmel Corp
|
EPM3128ATC100-10 EPM3256ATC144-10 EPM3032 EPM3256- |
IC,COMPLEX-EEPLD,128-CELL,10NS PROP DELAY,TQFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,QFP,144PIN,PLASTIC IC,COMPLEX-EEPLD,32-CELL,10NS PROP DELAY,LDCC,44PIN,PLASTIC IC,COMPLEX-EEPLD,256-CELL,7.5NS PROP DELAY,QFP,144PIN,PLASTIC
|
Altera Corp
|
HDD60-48T512X HDD50-12D05P HDD50-12D05T HDD50-12D0 |
75W 960MHZ 26V NI780L 的DC - DC转换器的5060 3000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN DC - DC转换器的5060 1000000 SYSTEM GATE 1.2 VOLT FPGA DC - DC转换器的5060 DC-DC CONVERTER 50~60W DC - DC转换器的5060 XC2VP7-6FFG672C DC - DC转换器的5060 2000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 的DC - DC转换器的5060 DC-DC CONVERTER 50~60W 的DC - DC转换器的5060 6000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN ; Collector Emitter Voltage, Vceo:30V; Transistor Polarity:NPN; Power Dissipation:3.5W; C-E Breakdown Voltage:30V; DC Current Gain Min (hfe):300; Collector Current:400mA; Package/Case:TO-39
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
XC4000 XC4003 XC4005 XC4006 XC4008 XC4010 XC4010D |
Logic Cell Array Families Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
EPM7256AETC14410 EPM7128AETC100-10 EPM7064AETC |
IC,COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,QFP,144PIN,PLASTIC IC,COMPLEX-EEPLD,128-CELL,10NS PROP DELAY,TQFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,64-CELL,10NS PROP DELAY,TQFP,44PIN,PLASTIC
|
Altera
|
AIC1628 AIC1628CN AIC1628CS |
3-Cell, High-Efficiency, Step-Up DC/DC Converter 3节电池,高效率,升压型DC / DC转换 3-Cell/ High-Efficiency/ Step-Up DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
SP6645 SP6645EU SP6644 SP6644EU SP6644EU-L SP6644E |
From old datasheet system Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
|
SIPEX[Sipex Corporation]
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|