PART |
Description |
Maker |
SMAJ58A SMAJ28 SMAJ24 SMAJ16 SMAJ17 SMAJ12 SMAJ150 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR JT 26C 26#20 PIN WALL RECP Sonar Ranging Control 16-SOIC Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-41 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No
|
娴???洪??靛??ㄤ欢?????? 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] Jinan Gude Electronic D...
|
PE1001-5 |
Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
|
Pasternack Enterprises, Inc.
|
PE1001-3 |
Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
|
Pasternack Enterprises, Inc.
|
BAL99W-T3 BAL99W-T1 BAL99W |
JT 4C 4#16 PIN RECP 表面贴装快速开关二极管 Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:12-3 RoHS Compliant: No SURFACE MOUNT FAST SWITCHING DIODE
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
AM108 AM156 AM101 AM158 AM100 AM1010 AM102 AM104 A |
Circular Connector; No. of Contacts:26; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-26 RoHS Compliant: No LJT 6C 6#12 SKT REAR BOX MTG LJT 8C 8#16 PIN RECP Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:15-5 RoHS Compliant: No Silicon Miniature Single-Phase Bridge
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
2SJ326 2SJ326-Z 2SJ326-Z-T1 2SJ326-Z-E1 2SJ326-Z-E |
GT 6C 4#16 2#8 PIN RECP LINE Temperature Range (degrees C): -30 to 85; General Description: In-line adapter; Both ends male contacts; Pin contact SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE P-channel enhancement type
|
NEC Corp. NEC[NEC]
|
26-65-3130 26-64-3090 |
156 KK Hdr RA Sq Pin W/PfP Au 13Ckt 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr RA Sq Pin Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
5-166053-1 |
PIN CONTACT, SIZE 20 DF.
|
Tyco Electronics
|
M25P01K9FC |
PIN OUTER CONTACT
|
Japan Aviation Electronics Industry, Ltd.
|
M22-2531705 M22-2532146 M22-2532346 M22-2531046 |
2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 17-way 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 21-way 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 23-way 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 10-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|