PART |
Description |
Maker |
CMPD7006S CMPD7006 CMPD7006A CMPD7006C |
SMD Switching Diode Dual: Common Anode SMD Switching Diode Dual: In Series SMD Switching Diode Single: High Voltage SMD Switching Diode Dual: Common Cathode SURFACE MOUNT VERY HIGH VOLTAGE SILICO SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
BZV90-8V2 BZV90 BZV90-C11 BZV90-C16 BZV90-C20 BZV9 |
BZV90 series; Voltage regulator diodes From old datasheet system ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% ZENER DIODE 1.3W SMD 8.2V ZENER DIODE 1.3W SMD 27V SMD/TO-223 1.3W Z-DIODE ZENER DIODE 1.3W SMD 5.6V ZENER DIODE 1.3W SMD 6.2V ZENER DIODE 1.3W SMD 5.1V 3 V supervisor with battery switchover 稳压二极管的1.3W贴片20V
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
CMKD2836 CMKD2838 |
SMD Switching Diode Dual Pair: Common Cathode SMD Switching Diode Dual Pair: Common Anode SURFACE MOUNT ULTRAmini DUAL PAIR HIGH SPEED SWITCHING SILICON DIODES
|
Central Semiconductor Corp
|
CMBD4148 CMBD1201 CMBD1202 CMBD1203 CMBD1204 CMBD1 |
0.250W SMD Single Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If 0.250W SMD Dual Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
|
CDIL[Continental Device India Limited]
|
CMEDA-6I |
SMD Switching Diode QUAD: MONOLITHIC SURFACE MOUNT SUPERmini MONOLITHIC, ISOLATED SILICON QUAD SWITCHING DIODE ARRAY
|
CENTRAL[Central Semiconductor Corp]
|
CDSU400BS-HF |
Halogen Free Switching Diodes, V-RRM=100V, V-R=100V, P-D=150mW, I-F=100mA SMD Switching Diode
|
Comchip Technology
|
CDSW4148-HF |
Halogen Free Switching Diodes, V-RRM=75V, V-R=75V, P-D=500mW, I-F=300mA SMD Switching Diode
|
Comchip Technology
|
CDSV6-16-G12 CDSV6-4148-G |
Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=200mW, I-F=150mA SMD Switching Diode Arrays
|
Comchip Technology
|
CDSV4148-G12 CDSV4148-G |
Small Signal Switching Diodes, V-RRM=75V, V-R=75V, P-D=200mW, I-F=150mA SMD Switching Diode
|
Comchip Technology
|
CDSH516-G |
SMD Switching Diode
|
COMCHIP[Comchip Technology]
|
CDSFR101A |
SMD Switching Diode
|
COMCHIP[Comchip Technology]
|
CDSER4448 |
SMD Switching Diode
|
Comchip Technology
|