PART |
Description |
Maker |
74AUP1G06GM132 74AUP1G06GM115 |
Low-power inverter with open-drain output; Package: SOT886 (XSON6); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
74LVC2G07GF132 74LVC2G07GM132 |
Buffers with open-drain outputs; Package: SOT891 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, DUAL 1-INPUT NON-INVERT GATE, PDSO6 Buffers with open-drain outputs; Package: SOT886 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, DUAL 1-INPUT NON-INVERT GATE, PDSO6
|
NXP Semiconductors N.V.
|
74AUP1G02GM132 |
Low-power 2-input NOR gate; Package: SOT886 (XSON6); Container: Tape reel smd AUP/ULP/V SERIES, 2-INPUT NOR GATE, PDSO6
|
NXP Semiconductors N.V.
|
PS22056 PS2205612 |
Dual-In-Line Package Intelligent Power Module 1200V/25A low-loss 4th generation IGBT inverter bridge
|
Mitsubishi Electric Semiconductor
|
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
GDU90-20721 |
CCFL Inverter Module - Dual Lamp; Package: MODULE; IOLAMP (mA): 6.5; Gate Drive Unit
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
74LVC1G79GW 74LVC1G79GM115 |
Single D-type flip-flop; positive-edge trigger; Package: SOT886 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO6
|
NXP Semiconductors N.V.
|
PS21962-4S PS21962-4S09 |
Dual-In-Line Package Intelligent Power Module 600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
|
Mitsubishi Electric Semiconductor
|
ST183S04PFN0 ST183S08PFN0 ST183S04PFL0 ST183S08PFL |
400V 306A Inverter Thyristor in a TO-209AB (TO-93) package 800V 306A Inverter Thyristor in a TO-209AB (TO-93) package
|
International Rectifier
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
ST733C..LSERIES ST733C08LFM0 ST733C08LFL0 ST733C04 |
800V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package 400V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package INVERTER GRADE THYRISTORS Automotive Fuse; Current Rating:3A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Voltage Rating:32V; Fuse Size/Group:15.41 x 10.92 x 3.81mm RoHS Compliant: Yes Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes
|
International Rectifier
|
LT3471EDDPBF |
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm × 3mm DFN; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 2.6 A DUAL SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|