PART |
Description |
Maker |
XFTPRH64B-102M |
HIGH CURRENT SELF-LEADED SMT INDUCTORS
|
XFMRS Inc.
|
XFTPRH104-1R8N |
HIGH CURRENT SELF-LEADED SMT INDUCTORS
|
XFMRS Inc.
|
XFTPRH104-270M |
HIGH CURRENT SELF-LEADED SMT INDUCTORS
|
XFMRS Inc.
|
XFTPRH104-150K |
HIGH CURRENT SELF-LEADED SMT INDUCTORS
|
XFMRS Inc.
|
XFTPRH103-5R2N |
HIGH CURRENT SELF-LEADED SMT INDUCTORS
|
XFMRS Inc.
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
LP03-7R6-3 LP03 LP03-0R1-1 LP03-0R4-1 LP03-0R9-1 L |
SMT High Current Inductors
|
ICE[ice Components, Ins.]
|
LP08-331 LP08 LP08-211 LP08-271 |
SMT High Current Inductors
|
ICE[ice Components, Ins.]
|
5800-123-RC 5800-102-RC 5800-152-RC 5800-121-RC 58 |
High I , Axial Choke 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:5800; Inductance:1mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.2A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:2.3ohm RF Choke; Series:5800; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.158A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:3.45ohm RF Choke; Series:5800; Inductance:120uH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.508A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:0.283ohm VW-1 rated shrink tubing to cover winding
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
|