PART |
Description |
Maker |
PE15A1008 |
23 dBm IP3, 1.6 dB NF, 13 dBm, 20 MHz to 3 GHz, Low Noise Amplifier
|
Pasternack Enterprises, Inc.
|
CMM3566-LC-000T PB-CMM3566-LC |
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3.45.5 GHz 7.0伏,24 dBm的的W - CDMA功率放大 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3450 MHz - 3500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Mimix Broadband, Inc. MIMIX BROADBAND INC
|
TIM1414-2-252 |
HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
|
Toshiba Semiconductor
|
PE15A1006 |
40 dB Gain, 1.1 dB NF, 15 dBm, 3.1 GHz to 3.5 GHz, Low Noise High Gain Amplifier
|
Pasternack Enterprises, Inc.
|
TA020-180-28-16 |
2 -18 GHz 16 dBm Amplifier
|
Transcom, Inc.
|
TA005-025-10-24 |
0.5 - 2.5 GHz 24 dBm Amplifier
|
Transcom, Inc.
|
TA005-025-25-20 |
0.5 - 2.5 GHz 20 dBm Amplifier
|
Transcom, Inc.
|
TA021-035-32-15 |
2.1 - 3.5 GHz 15 dBm Amplifier
|
Transcom, Inc.
|
TA125-160-37-25 |
12.5 - 16 GHz 25 dBm Amplifier
|
Transcom, Inc.
|
TA060-180-30-28 |
6 - 18 GHz 28 dBm Amplifier
|
Transcom, Inc.
|
TA008-055-20-24 |
0.8 - 5.5 GHz 25 dBm Amplifier
|
Transcom, Inc.
|
TM020-060-11-32 |
2 ~ 6 GHz 32 dBm Module
|
Transcom, Inc.
|
|