PART |
Description |
Maker |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AAT3564 AAT3560 AAT3560IGY-2.20-T1 AAT3560IGY-2.50 |
NanoPower Voltage Detector NanoPower垄芒 Voltage Detector NanoPower⑩ Voltage Detector
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
BU4827FP3-TR BU4927FP3-TR BU4832FP3-TR BU4932FP3-T |
Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
RE46C190 RE46C190S16F |
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
|
Microchip Technology
|
RN5VT27A RN5VT27A-RF RN5VT27A-RR RN5VT27A-T1 RN5VT |
LOW VOLTAGE DETECTOR
|
RICOH[RICOH electronics devices division]
|
BU4843FVE BU4840FVE BU4841FVE BU4842FVE BU4844FVE |
Low Voltage Detector IC
|
ROHM[Rohm]
|
RX5VT41A RX5VT46C RX5VT52C RX5VT RX5VT40A RX5VT40C |
LOW VOLTAGE DETECTOR
|
RICOH[RICOH electronics devices division]
|
R3111N602A R3111N602C R3111N402A R3111N402C R3111N |
LOW VOLTAGE DETECTOR
|
RICOH electronics devices division
|
RN5VS20AA RN5VS20AA-TL RN5VS20AA-TR RN5VS20AC RN5V |
LOW VOLTAGE DETECTOR
|
RICOH[RICOH electronics devices division]
|
TC53 TC53N3002ETR TC53C1802CTTR TC53C1802ETR TC53C |
The TC53 is a low power voltage detector. Typical supply current consumption is only 1A at an input voltage of 2V. The voltage detection threshold setting is factory-programmed and guaranteed to ±2% accuracy. Threshold settings are a
|
MICROCHIP[Microchip Technology]
|