PART |
Description |
Maker |
OKL2-T_3-W12N-C OKL2-T_3-W12P-C OKL-T3-W12 OKL-T/3 |
Programmable Output 3-Amp iLGA SMT PoLs
|
Murata Power Solutions Inc.
|
OKL-T1-W12P-C OKL-T1-W12N-C |
Programmable Output 1-Amp iLGA SMT PoLs
|
Murata Power Solutions Inc.
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
3D7608R-1K 3D7608R-5K 3D7608R-2K 3D7608R-800K 3D76 |
8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS PULSE GENERATOR DELAY LINE, TRUE OUTPUT, PDSO16 8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS PULSE GENERATOR DELAY LINE, TRUE OUTPUT, PDSO20
|
Data Delay Devices, Inc.
|
LTC6903IMS8PBF LTC6904IMS8PBF LTC6904IMS8TR |
1kHz - 68MHz Serial Port Programmable Oscillator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C CRYSTAL OSCILLATOR, CLOCK, 0.001039 MHz - 68 MHz, CMOS OUTPUT
|
Linear Technology, Corp.
|
HFA1149EVAL HFA1149IB FN4304 HFA1149 |
450MHz/ Low Power/ Video Operational Amplifier with Programmable Output Disable Op Amp, 450MHz, Video, Low Power, Current Feedback, with Output Disable 450MHz Low Power Video Operational Amplifier with Programmable Output Disable From old datasheet system 450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable(450MHZ、低功耗视频运算放大器)
|
INTERSIL[Intersil Corporation]
|
CY8C22345 CY8C22345-24SXI |
PSoC Programmable System-on-Chip Low power at high speed PSoC® Programmable System-on-Chip&trade MULTIFUNCTION PERIPHERAL, PDSO28
|
Cypress Semiconductor, Corp.
|
LPV531 |
Single Programmable CMOS Input, Rail-to-Rail Output Op Amp From old datasheet system
|
NS
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
EDI8L32512V15AC |
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM
|
Bourns, Inc.
|
EDL1300RX050ECL EDL1300RX125ECL |
Programmable VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN 光纤接收 Programmable VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 光纤接收
|
Lite-On Technology, Corp.
|
KSC1675YS1TA |
10 MHz, 20 V/µs, G = 1, 2, 4, 8 iCMOS® Programmable Gain Instrumentation Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 50 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|