PART |
Description |
Maker |
HT56R6412 |
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT56RB688 |
TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
|
Holtek Semiconductor Inc
|
HT72XX |
300mA TinyPowerTM LDO
|
Holtek Semiconductor Inc.
|
HT7344-1 HT7321-1 HT7323-1 HT7325-1 HT7327-1 HT733 |
30V, 250mA TinyPowerTM LDO
|
Holtek Semiconductor In...
|
HT7344-7 HT7321-7 HT7323-7 HT7325-7 HT7327-7 HT733 |
30V, 250mA TinyPowerTM LDO with Protections
|
Holtek Semiconductor In...
|
74LCX821 74LCX821MTC 74LCX821MSA 74LCX821WM 74LCX8 |
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs From old datasheet system 10-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ821 74ACTQ821SC 74ACTQ821SPC |
Quiet Seriesa?10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa⑩ 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa10-Bit D-Type Flip-Flop with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HT67F60A |
TinyPowerTM A/D Flash MCU with LCD & EEPROM
|
Holtek Semiconductor In...
|
74LS247PC 74LS279PC 74LS393PC 74LS365PC 74LS290PC |
S-R-Type Latch Asynchronous Up/Down Counter Asynchronous Up Counter 2-Bit/4-Bit Buffer/Driver Octal D-Type Flip-Flop Dual 4-Bit Non-Inverting Buffer/Driver Single 8-bit Bus Transceiver 6-Bit Buffer/Driver Dual 4-input NAND Gate Quad 2-input Exclusive NOR (XNOR) Gate 输入异或非(异或非) Decoder/Driver 解码驱动 Successive-Approximation Register 逐次逼近寄存
|
Rochester Electronics, LLC
|
74LVC16374A 74LVC16374ADGG 74LVC16374ADL 74LVCH163 |
16-bit edge triggered D-type flip-flop with 5 V tolerant inputs/outputs (3-State) From old datasheet system 16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|