PART |
Description |
Maker |
R573002345 R573002340 R573502410 R574183980 R57308 |
RF COAXIAL RELAY, SP3T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP9T, LATCHED, 0.5A (COIL), 28VDC (COIL), 14000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.28A (COIL), 12VDC (COIL), 15360mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.375A (COIL), 28VDC (COIL), 10500mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP11T, LATCHED, 1.375A (COIL), 28VDC (COIL), 38500mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP10T, LATCHED, 3.2A (COIL), 12VDC (COIL), 38400mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.5A (COIL), 28VDC (COIL), 42000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.102A (COIL), 28VDC (COIL), 2856mW (COIL), 3000MHz, PANEL MOUNT
|
Radiall S.A. RADIALL S A
|
R585332000 R585423440 R585423410 R585322530 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.42A (COIL), 12VDC (COIL), 5040mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.205A (COIL), 28VDC (COIL), 5740mW (COIL), 18000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.5A (COIL), 12VDC (COIL), 6000mW (COIL), 3000MHz, 120W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
SM-3-S-H-I-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.27A (COIL), 12VDC (COIL), 3240mW (COIL), 6000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
R570.032.035 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.32A (COIL), 12VDC (COIL), 3840mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
R577062102 R577242105 |
RF COAXIAL RELAY, DPDT, LATCHED, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
TFK1632C48VDC |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 912mW (COIL), 5A (CONTACT), PANEL MOUNT
|
ALLIED CONTROLS INC
|
FTR-K1AK005W-KW |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
OL-C-206H000 |
DRY REED RELAY, DPST, MOMENTARY, 0.045A (COIL), 6VDC (COIL), 270mW (COIL), 0.1A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
CTS Valpey, Corp.
|
R577.F22.100 |
RF COAXIAL RELAY, SPDT-TRANSFER, FAILSAFE, 0.34A (COIL), 12VDC (COIL), 4080mW (COIL), 26500MHz, 40W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
PRD-3DG0-12 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.167A (COIL), 12VDC (COIL), 2000mW (COIL), 30A (CONTACT), PANEL MOUNT ROHS COMPLIANT
|
Coilcraft, Inc.
|
OMI-SH-205DM594 |
POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.144A (COIL), 5VDC (COIL), 720mW (COIL), 5A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
|
CTS Valpey, Corp.
|
CECC16207-801AOT0YE6 CECC16207-801AOT0YE7 CECC1620 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 5VDC (COIL), 500mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 12VDC (COIL), 372mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.128A (COIL), 5VDC (COIL), 640mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.018A (COIL), 28VDC (COIL), 504mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.041A (COIL), 9VDC (COIL), 369mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.061A (COIL), 6VDC (COIL), 366mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
HI-G ITALIA SRL
|
|