PART |
Description |
Maker |
CBG-20A-500 |
10 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX WIDEBAND DIRECTIONAL COUPLER
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc.
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
JDC-20-5 |
Directional Coupler 50楼? 50 to 1500 MHz Directional Coupler 50惟 50 to 1500 MHz Directional Coupler 50Ω 50 to 1500 MHz
|
Mini-Circuits
|
ADC-20-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
ADC-26-52 |
Directional Coupler 50楼? 10 to 500 MHz Directional Coupler 50惟 10 to 500 MHz Directional Coupler 50Ω 10 to 500 MHz
|
Mini-Circuits
|
CBF-11A-1250 CBF-20A-1250 CBF-10A-375 CBF-20A-375 |
5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1 dB INSERTION LOSS-MAX 100 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 3-PORT DIRECTIONAL COUPLERS 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX
|
MERRIMAC INDUSTRIES INC http:// Merrimac Industries, Inc.
|
ADC-10-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits
|
JDC-10-4-75 |
Directional Coupler 75楼? 10 to 1000 MHz Directional Coupler 75Ω 10 to 1000 MHz
|
Mini-Circuits http://
|
LRDC-10-1 |
Directional Coupler 50Ω 5 to 500 MHz Directional Coupler 50ヘ 5 to 500 MHz
|
Mini-Circuits
|
LRDC-10-1-75J |
Directional Coupler 75Ω 5 to 600 MHz Directional Coupler 75ヘ 5 to 600 MHz
|
http:// Mini-Circuits
|
SYD-20-33 |
Directional Coupler 50楼? 30 to 3000 MHz Directional Coupler 50Ω 30 to 3000 MHz
|
Mini-Circuits
|