PART |
Description |
Maker |
C-1394738 |
CONNECTION FOR INVERTED CONVERTER ANSCHLUSS FUER WECHSELRICHTER
|
Tyco Electronics
|
0424039 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0421016 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0443023 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0443049 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441025 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0393660000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 5, 90°, Box
|
Weidmuller
|
0393560000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 4, 90°, Box
|
Weidmuller
|
0708797 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5 - 6 mm thick housing panels - HDFKV 50-VP GNYE
|
Phoenix Contact
|
SK5FORTL.ZAHLEN-0804183 SK3FORTL.ZAHLEN-0804183 SK |
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
|
PHOENIX CONTACT
|
M74HC7240 M54HC7240 M74HC7244 M74HC7244F1R M74HC72 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC7240: INVERTED - HC7241/7244 NON INVERTED
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|