PART |
Description |
Maker |
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
ADCMP60607 ADCMP607 |
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparator in a 12-lead LSCFP Package Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
|
Analog Devices
|
MAX494 MAX494CPD MAX494CSD MAX494EPD MAX494ESD MAX |
High-Output RS-485 Transceiver 8-SOIC -40 to 85 Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad / Micropower / Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
AD8551 AD8554 AD8552 |
Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出四运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出双运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出运 零漂移,单电源,轨到轨输输出运算放大器(低漂移,单电源,满幅度输入输出运放)
|
Analog Devices, Inc.
|
ADCMP600NBSP ADCMP600 ADCMP600BRJ-RL |
COMPARATOR, 5000 uV OFFSET-MAX, 3 ns RESPONSE TIME, PDSO5 From old datasheet system ADCMP600 - Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator in 5-lead SC70 and SOT-23
|
ANALOG DEVICES INC
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD8594 AD8594AR AD8594ARU AD8592 AD8592ARM AD8591A |
Dual, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA Output Current and a Power-Saving Shutdown ... Single, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ... CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown CMOS单电源轨到轨输入/输出运算放大器,带有关断 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown QUAD OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO16 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO6 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO10
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
OP450GRU OP450GS OP250GS OP450 OP250 OP250GRU |
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
|
AD[Analog Devices]
|
ADA4855-3 ADA4855-3YCPZ-R2 ADA4855-3YCPZ-R7 ADA485 |
Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
|
Analog Devices
|
MP5421DM |
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
|
MPS Industries, Inc.
|
|