PART |
Description |
Maker |
87022-640 87022-645 87022-650 87022-625ML 87022-62 |
HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
|
FCI connector
|
0449141202 44914-1202 |
3.00mm (.118) Pitch Micro-Fit 3.0 CPI?/a> Header, Dual Row, Vertical, Compliant Pin Interface, 12 Circuits, LCP, Glass-Filled, UL 94V-0, 0.38μm (15μ) Gold (Au) Selective Contact Plating 3.00mm (.118) Pitch Micro-Fit 3.0 CPI Header, Dual Row, Vertical, Compliant Pin Interface, 12 Circuits, LCP, Glass-Filled, UL 94V-0, 0.38μm (15μ) Gold (Au) Selective Contact Plating
|
Molex Electronics Ltd.
|
0449141403 44914-1403 |
3.00mm (.118) Pitch Micro-Fit 3.0 CPI Header, Dual Row, Vertical, Compliant Pin Interface, 14 Circuits, LCP, Glass-Filled, UL 94V-0, 0.76μm (30μ) Gold (Au) Selective Contact Plating
|
Molex Electronics Ltd.
|
19-09-2026 19-09-2027 |
Connector Housing; Gender:Male; No. of Contacts:2; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:12A; Height:0.264"; Leaded Process Compatible:No; No. of Rows:1 RoHS Compliant: Yes Connector Housing; Number of Contacts:2; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:1; Pitch Spacing:6.71mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
MOLEX INC
|
22-55-2143 22-55-2063 22-55-2123 22-55-2203 22-55- |
Multipole Connector; Number of Contacts:14; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 14 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Number of Contacts:6; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 6 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Number of Contacts:12; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 12 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP HOUSING, CRIMP DUALROW 20 POSITION 20 CONTACT(S), MALE OR FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt C DR /BkRbs 48Ckt CGrid SL Hsg Opt C DR /BkRbs 44Ckt
|
Molex, Inc. MOLEX INC
|
U1160 |
small Photocell Glass encapsulated housing
|
PERKINELMER[PerkinElmer Optoelectronics]
|
85510-5018 |
TOPENT 6/4 SMT JK W/TABS LCP
|
MOLEX INC
|
19-09-1039 19-09-2038 |
Connector Housing; Gender:Female; Number of Contacts:3; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:11A; Height:0.300"; Number of Rows:1; Operating Temp. Min:-40 C Connector Housing; Gender:Male; No. of Contacts:3; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:11A; Height:0.320"; Leaded Process Compatible:No; No. of Rows:1 RoHS Compliant: Yes
|
MOLEX INC
|
BD52XXG BD5247 BD5257 BD5256 BD5344 BD5241 BD5243 |
Static Monitor Jack; Features:Allows an operator to disconnect a ground cord from the wrist band and leave the workstation without deactivating Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Beige; Features:Hi-temperature plastic RoHS Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Black; Features:Low-temperature plastic RoHS Color Coded Flat Cable, 3302/25 28 AWG, .050 (1.27) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% Color Coded Flat Cable, 3302/10 28 AWG, .050 (1.27) 电压检测器IC VOLTAGE DETECTOR IC 电压检测器IC Insulating Tape; Tape Backing Material:PVC; Width:0.75"; Roll Length:20ft; Adhesive Material:Rubber RoHS Compliant: Yes 电压检测器IC Color Coded Flat Cable, 3302/34 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/09 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/18 28 AWG, .050 (1.27) 电压检测器IC
|
Rohm CO.,LTD. Electronic Theatre Controls, Inc. Microsemi, Corp.
|
0872631823 87263-1823 |
1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filledBlack Housing, Phosphor Bronze, 0.38渭m (15渭") Gold (Au) Plating, with Plastic P 1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filledBlack Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs,
|
Molex Electronics Ltd.
|
0877159309 |
1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76μm (30μ) Gold (Au) Plating, with Plastic Pegs 1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76楼矛m (30楼矛) Gold (Au) Plating, with Plasti
|
Molex Electronics Ltd.
|
|