PART |
Description |
Maker |
710CS004M 710KB004M 710JS004M 710JB004M 710DB004M |
Non-Environmental User-Installable Straight
|
Glenair, Inc.
|
PIC16C505-04E/SL PIC16C505-04I/SL PIC16C505-20E/SL |
14-Pin/ 8-Bit CMOS Microcontroller Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 3.3V ECL Programmable Delay Chip; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tape and Reel; Qty per Container: 2000 14引脚位CMOS微控制器 INTEGRATED HOST PROC 14引脚位CMOS微控制器 14-Pin, 8-Bit CMOS Microcontroller 14引脚位CMOS微控制器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female 14引脚位CMOS微控制器 14-Pin, 8-Bit CMOS Microcontroller 14引脚CMOS微控制器 PT06E SERIES (MS3116) ENVIRONMENTAL-RESISTANT STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14 SHELL SIZE, 14-12 INSERT ARRANGEMENT, PLUG GENDER, 12 CONTACTS 14引脚CMOS微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
M85049-9-7 M85049-9-5 M85049-9-3 M85049-9-2 M85049 |
Environmental Backshells
|
Glenair, Inc.
|
712HS360M16 712FJ360M16 712FS360M16 712AH360M16 71 |
Non-Environmental User-Installable
|
Glenair, Inc.
|
559-002-02 |
EMI/Environmental Gaskets
|
Glenair, Inc.
|
ABJ151040 ABJ2XXXXX |
High Environmental Resistance
|
Nais
|
M85049-25-60 M85049-25-61 M85049-25-62 M85049-25-6 |
EMI/RFI Non-Environmental Backshells
|
Glenair, Inc.
|
G17S-XX1X-XX0-EU |
this product doesn contain environmental hazardous
|
Amphenol Corporation
|
M83723-35S-11A M83723-35S-11R M83723-35S-14A M8372 |
Non-Environmental Strain Relief Backshells
|
Glenair, Inc.
|
M85049-10-80 M85049-10-81 M85049-10-82 M85049-10-8 |
EMI/RFI Environmental Backshell
|
Glenair, Inc.
|
712SL277M16 712SK277M16 712FS277M16 712AK277M16 71 |
EMI Environmental User-Installable
|
Glenair, Inc. http://
|
M85049-37-8W10 M85049-37-8W01 M85049-37-8W02 M8504 |
EMI/RFI Non-Environmental Backshells
|
Glenair, Inc.
|