PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
DA2383-AL DA2383-ALD |
Flyback Transformer PoE transformer, for NSC LM5071, 3.3V, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
Z2603 Z2612 Z2610 Z2613 |
TRANSFORMER 6VA 2X 18V TRANSFORMER 4VA 2X 12V 12V的变压器4VA 2 TRANSFORMER 6VA 2X 24V 24V的变压器6VA TRANSFORMER 6VA 2X 12V 12V的变压器6VA 2
|
Toshiba, Corp. Lattice Semiconductor, Corp.
|
WB1010-1-SMLB WB3010-SMLB WB1010-1-PCL WB1015-PCL |
Wideband RF transformer, SMT, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.005 MHz - 100 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.1 MHz - 150 MHz RF TRANSFORMER
|
Coilcraft, Inc.
|
DA2421-AL DA2420-AL DA2421-ALB |
PoE Transformers Transformer, for STE12PS, 1:3, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
B0392-ALD |
Transformer, for TI UCC3580, SMT, RoHS 100 W, SMPS TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
2745B |
T1/E1 Transformer T1/E1变压 HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
|
Vishay Intertechnology, Inc. BEL[Bel Fuse Inc.]
|
POE60C-25LD POE60D-25LB POE60C-25LB POE60D-25LD PO |
PoE transformer, SMT, RoHS 6 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
FL3209-2LB FL3209-1LB FL3209-3LD COILCRAFTINC-FL32 |
Transformer, CCFL, SMT, RoHS 3.5 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
MABA-007532-CF18A0 MABA-007532-CF18TB MABA-007532- |
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|