PART |
Description |
Maker |
DDTA143FCA-7 DDTA113ZCA-7 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
PEMB24 PEMB2409 PEMB24-PUMB24-15 |
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW PNP-PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm
|
NXP Semiconductors
|
PMBTA92 PMBTA92215 PMBTA92-T |
100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP high-voltage transistor - Complement: PMBTA42 ; fT min: 50 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 300 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP Semiconductors
|
3341-6 |
3M Pak 100 Header Accessories .100?× .100?Latch/Ejector
|
3M Electronics
|
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BC557CG BC557CZL1G BC556B07 |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
BDW74C-S |
PNP DARLINGTON 100V 8A 8 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Bourns, Inc.
|
DDTA142JU-7 |
TRANS PREBIASED PNP SOT-323 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DTA143ZCA-TP DTA143ZCA11 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 PNP Digital Transistors
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
BC307BRL1G |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226
|
ON Semiconductor
|
BFT37A FT37AR1 |
5000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar PNP Device in a Hermetically sealed TO39
|
SEMELAB LTD Seme LAB
|
|