PART |
Description |
Maker |
H101 |
High Temperature Thermostat
|
List of Unclassifed Man...
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
DS620 DS620U DS620U_TR DS620U/TR |
Low-Voltage, -0.5°C Accuracy Digital Thermometer and Thermostat Low-Voltage/ 0.5C Accuracy Digital Thermometer and Thermostat 240 x 64 pixel format, CFL, LED, or EL Backlight available VOLTAGE REG POS 6V 100MA SOT-89 Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat Low-Voltage, -0.5∑C Accuracy Digital Thermometer and Thermostat
|
http:// Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
TC1047A TC1047VNB TC1047AVNB TC1047 TC1047AVNBTR |
Precision Temperature-to-Voltage Converter The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A can accurately measure temperature from -40C to 125C. For the TC1047A, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
DS1775R/TR7 DS1775R/TR2 DS1775R/TR5 DS1775R/TR1 DS |
SOT23-5 Digital Thermometer and Thermostat 采用SOT23 - 5数字温度计和温度 SOT23 Digital Thermometer and Thermostat
|
MAXIM - Dallas Semiconductor Dallas Semiconducotr Electronic Theatre Controls, Inc.
|
AQ201GY-N3-12-TRL AQ201GY-N3-12-BUL AQ201GY-M3-12- |
3oC Accurate with Hysteresis 115oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 115ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
XC3101-12 XC3101AC707R-G XC310112 XC3101-15 |
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
|
Torex Semiconductor
|
PGT2110/DS PGS2110/DS PGR2110/DS PGB2110/DS PGM211 |
650MHz Gain of 2 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 750MHz Gain of 1 Triple 2:1Video Multiplexer; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 光电 Optoelectronic 光电 Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 光电 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 光电 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 光电
|
Infineon Technologies AG Ironwood Electronics Electronic Theatre Controls, Inc. Newhaven Display International, Inc. Linear Technology, Corp. ON Semiconductor
|
DS75S |
Digital Thermometer and Thermostat
|
Maxim Integrated Products
|
ELM341 ELM341SM ELM341P |
LOW POWER THERMOSTAT
|
ELM[ELM Electronics]
|