PART |
Description |
Maker |
07100-SP024 |
FAN CORD W/ NEMA 1-15 PLUG
|
Qualtek Electronics Corporation
|
4390 4390-P-2530-A-005000 4390-P-2530-B-003000 |
10A, 250VAC, MALE, MAINS POWER CONNECTOR, PLUG Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Straight
|
Schurter Inc.
|
CS03.0621.150 CS02.0221.150 |
AC Power Cord; Conductors: 3: Plug Type: NEMA 5-15P; PolarizationType: ; Female ConnectorType: IEC-320-C5; Voltage Rating: 250V; Current Rating: 2.5A; Jacket Material: PVC INTERCONNECTION DEVICE AC Power Cord; Conductors: 2: Plug Type: NEMA 1-15P; PolarizationType: ; Female ConnectorType: IEC 320-C7; Voltage Rating: 250V; Current Rating: 7A; Jacket Material: PVC INTERCONNECTION DEVICE
|
SCHURTER AG
|
2711 2711-B-4810-B-002000 2711-B-4810-A-002500 271 |
2.5A, 250VAC, MALE, MAINS POWER CONNECTOR, PLUG Interconnection Cord with IEC Plug C, Angled 70°C Interconnection Cord with IEC Plug C, Angled 70隆?C
|
Schurter Inc.
|
JANTXV1N5420 JANTX1N5420 JAN1N5420 JANTX1N5415 JAN |
Coiled Cord; Features:6' positive coil memory combats cord stretch out; date coded for traceability; stainless steel spinning style banana plug reduces cord tangles; For Use With:WBB-AFWS Adjustable Fabric Wrist Strap RoHS Compliant: NA Fast Rectifier (100-500ns) RECTIFIERS GROUND CORD, 2X4MM SOCKETS, 5M; Length, lead:15ft RoHS Compliant: NA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
PD-L630C-B |
NEMA L6-30R CORD CONNECTOR 30A 250VAC; ASSEMBLY TYPE
|
PowerDynamics, Inc
|
PD-L1530C-B |
NEMA L15-30R CORD CONNECTOR 30A 250VAC; ASSEMBLY TYPE
|
PowerDynamics, Inc
|
PD-L1520C-B |
NEMA L15-20R CORD CONNECTOR 20A 250VAC; ASSEMBLY TYPE
|
PowerDynamics, Inc
|
1301460053 |
Watertite Extra-Hard Outdoor use Connector, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord
|
Molex Electronics Ltd.
|
1301460050 |
Watertite Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip
|
Molex Electronics Ltd.
|
07145-60 |
MOLDED FAN CORD FEMALE 45°
|
Qualtek Electronics Corporation
|
07190-50 |
MOLDED FAN CORD FEMALE 90°
|
Qualtek Electronics Corporation
|