PART |
Description |
Maker |
ST-025BH |
Reflow Type (SMD)
|
Soberton Inc.
|
ST-04BH |
Reflow Type (SMD)
|
Soberton Inc.
|
WST-1310 |
Washable Reflow Type (SMD)
|
Soberton Inc.
|
IDT74FCT825BTSOB IDT74FCT825BTSO IDT74FCT825BTQB I |
Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:60V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:50V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes CAP 0.82UF 50V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.1UF 50V 10% X7R SMD-1805 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
SMX-1CL |
Full ceramic SMD Crystal Reflow soldering @ 260 °C
|
QUARTZCOM the communications company
|
SMX-206L |
Plastic moulded SMD Watch Crystal Reflow soldering @ 260 °C
|
http://
|
SMX-1SHFMESA |
High frequency fundamental SMD Crystal Reflow soldering @ 260
|
QUARTZCOM the communications company
|
RK1191110001 RK1191114001 RK1191124001 |
11mm Size Metal Shaft Reflow Type
|
ALPS ELECTRIC CO.,LTD.
|
HF201209 HF70ACC201209-X HF70ACC321611-X HF70ACC32 |
EMC Components Ferrite Beads SMD RECOMMENDED PC BOARD PATTERNS REFLOW AND FLOW SOLDERINGS
|
TDK Electronics
|
EEEFC1E6R8AR EEEFC1C100AR EEEFC0J101AP |
Aluminum Electrolytic Capacitors (Surface Mount Type) FC-V (High temp. reflow)
|
Panasonic
|
EEEHD0J752AM |
Aluminum Electrolytic Capacitors (Surface Mount Type) HD-V Medium-size (High temp. reflow)
|
Panasonic
|
EEETP1E272V |
Aluminum Electrolytic Capacitors (Surface Mount Type) TP-V Medium-size(High temp. reflow)
|
Panasonic
|