PART |
Description |
Maker |
3RP1505-1AQ30 3RP1525-1AQ30 3RP1525-1BQ30 3RP1525- |
MULTI-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT ON-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT Multifunction Solid State DIN Mount Time Delay Relay Multifunction Solid State DIN Mount Time Delay Relay
|
Ecliptek, Corp. Tyco Electronics
|
SSRK-600A10 SSRK-600A20 SSRK-600A30 SSRK-600D10 SS |
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
|
Tyco Electronics
|
XKD11306 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKH20120 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
DR48D30 DR48D25-21 DR48A25 DR48A25-22 DR48R25 |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies Incorporated.
|
DRS24D25 DRS48D25 DRS48D30 |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
|
Teledyne Technologies Incorporated
|
SIL465000 |
Power Solid State Relay With Analog Control, pitch 22.5mm compact size and DIN rail mounting.
|
celduc-relais
|
SIM465000 |
Power Solid State Relay With Analog Control, pitch 22.5mm compact size and DIN rail mounting.
|
http:// celduc-relais
|
PLC-BSC-24UC |
14 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 24 V AC/DC
|
PHOENIX CONTACT
|
MS11-CMX MS11-CMX60D10 MS11-CMX100D6 MS11-CX2405A |
RELAY SSR SPST-NO 60VDC 10A DIN TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 3 -10 Amp 0-200 Vdc DC Output
|
Crydom, Inc. Crydom Inc.,
|