PART |
Description |
Maker |
OM4411SR OM4411ST |
20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 20A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|
SRF20-06CT-LFR SRF20-08CT-LFR SRF20-035CT-LFR SRF2 |
20A DUAL SCHOTTKY BARRIER RECTIFIERS
|
Frontier Electronics.
|
SP6120HVCY/TR SP6120HVEY/TR SP6120HVCY |
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters 高电压,同步,降压控制器适合2A20A条,高性能DC - DC电源转换 High Voltage / Synchronous /Buck Controller Ideal for 2A to 20A / High Performance / DC-DC Power Converters
|
Linear Technology, Corp. Sipex Corporation
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
CMPSH-3SE CMPSH-3AE CMPSH-3CE CMPSH-3E |
SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current SMD Schottky Diode Dual: High Current: Common Anode ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
20CTQ040S 20CTQ045-1 20CTQ045S 20CTQ 20CTQ035-1 20 |
SCHOTTKY RECTIFIER 45V 20A Schottky Common Cathode Diode in a D2-Pak package 40V 20A Schottky Common Cathode Diode in a D2-Pak package 45V 20A Schottky Common Cathode Diode in a TO-220AB package 40V 20A Schottky Common Cathode Diode in a TO-220AB package 35V 20A Schottky Common Cathode Diode in a TO-220AB package 45V 20A Schottky Common Cathode Diode in a TO-262 package 40V 20A Schottky Common Cathode Diode in a TO-262 package 35V 20A Schottky Common Cathode Diode in a TO-262 package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 20A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
PG1523 PG1520 PG1522 PG1521 PG1500 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 20A I(C) | TO-3 晶体管|晶体管|叩| 30V的五(巴西)总裁|甲一(c)|
|
ON Semiconductor
|
SB2045 SB20100 SB2060 SB2050 |
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
|
Leshan Radio Company
|
HSBR20100CT HSBR20150CT HSBR201X0CT |
Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 20A)
|
Hi-Sincerity Mocroelectronics
|
SBL20L15 SBLF20L15 SBLB20L15 |
Low VF Schottky OR-ing Rectifier, Forward Current 20A, Reverse Voltage 15V
|
Vishay
|