PART |
Description |
Maker |
RSFS-250 RSFS-300 RSFS-350 RSFS-400 RSFS-450 RSFS- |
SNAP-IN CARD GUIDE
|
Richco, Inc.
|
RN-550-2 RN-350-2 RN-400-2 RN-650-2 RN-700-3 RN-75 |
NARROW CARD GUIDE (RN)
|
Richco, Inc. http://
|
VMCGE-30M-01 |
VERTICAL MOUNT CARD GUIDE (UK)
|
Richco, Inc.
|
E-200 E-300 |
ECON-O-GIDE PRESS-IN CARD GUIDE
|
List of Unclassifed Man...
|
TCGVM1-3.925-23 TCGVM1-2.500-23 TCGVM1-6.675-23 TC |
TENSION CARD GUIDE VERTICAL MOUNT
|
Richco, Inc.
|
RDC-600-102 RDC-450-102 RDC-450-130 RDC-450 RDC-60 |
DEEP CHANNEL CARD GUIDE (RDC)
|
Richco, Inc.
|
C8051F850-DK-UG C8051F860-DK-UG |
UDP C8051F850 MCU CARD USER’S GUIDE FOR C8051F85X/86X MCUS
|
Silicon Laboratories
|
146-99-640-41-036 146-91-306-41-035 146-91-306-41- |
FILM INSULATING - XTAL 3LDS 双列直插式插座开放框架媒体与兼容的引脚适合 EJECTOR PCB WHITE 双列直插式插座开放框架媒体与兼容的引脚适合 Dual-in-line sockets Open frame Press-fit with compliant pins 双列直插式插座开放框架媒体与兼容的引脚适合 ECON-O-GIDE 4.5-In. Standard Card Guide 双列直插式插座开放框架媒体与兼容的引脚适合 LED Mounting Clip; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CARD GUIDE 2.5X1.5 1/16 PCB SPACER,NYLON,CAPACITOR MOUNT10MM CAPACITOR MOUNT Fasteners; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes GMVSTBW 2.5/ 7-STF-7.62 GRIP-O-GIDE Deep-Channel Card Guide 8.0-In. Deep Channel Card guides for 116th, 332nd and 18th PCBs GROMMET-LED PANEL MOUNT BLACK 2 PIECE .2 LED Mount; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:20mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED MOUNT LEM 1.350 SPACER SPACER MYLAR INSULATOR/SPACER LED Mount; Bulb Size:T-1 3/4; LED Color:High Efficiency Red; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Mount; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2.2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
CD29DHR |
EC Snap-In 85°C Longest Lifetime 7.000h Miniaturized (Snap-In)
|
Jianghai Europe GmbH
|
CD294BW |
EC Snap-In Standard 105∑C 4.000h Lifetime(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
AS7C252MFT18A AS7C252MFT18A.V1.2 AS7C252MFT18A-85T |
2.5V 2M x 18 Flow-through synchronous SRAM 2M X 18 STANDARD SRAM, 10 ns, PQFP100 CARD READER 2 TRACK SWIPE RS232 CARD READER FULL INSERT USB CARD READER SNG TRACK MAN SWIPE CARD READER 3 TRACK FULL INSERT CARD READER FULL INSERT RS-232 From old datasheet system Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|