PART |
Description |
Maker |
P4KE11 P4KE10 P4KE100 P4KE20 P4KE27 P4KE33 P4KE180 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE) 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41
|
RECTRON[Rectron Semiconductor]
|
1SMA17AT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1SMA28CAT3G 1SMA12CAT3G ONSEMICONDUCTOR-1SMA15CAT3 |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1.5KE16CA |
1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts
|
Micro Commercial Components
|
P4KE250 P4KE300A P4KE110A P4KE11 P4KE10 P4KE100 P4 |
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
|
BYTES[Bytes]
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
SA110C SA43A SA160 SA14 |
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 500瓦峰值功率瞬态电压抑制器 /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 2.74K OHM 1/10W .1% 0805 SMD 500W TRANSIENT VOLTAGE SUPPRESSORS 500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 110.00 V. Test current IT = 1 mA.
|
Won-Top Electronics Co., Ltd. Bytes
|
P4SMA58A P4SMA8.0A P4SMA9.0A P4SMA210A P4SMA7.0A P |
SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
|
Central Semiconductor Corp Central Semiconductor C...
|
1SMA12AT3G 1SMA9.0AT3G 1SMA10AT3 1SMA10AT3G 1SMA11 |
400 Watt Peak Power Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor]
|
1.5KE22A 1.5KE33A 1.5KE91A 1.5KE18A 1.5KE68A 1.5KE |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 Watt MosorbE Zener Transient Voltage Transient Voltage 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106B; No. of Contacts:2; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No ; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-5 RoHS Compliant: Yes 1500 Watt MosorbTM Zener,Transient Voltage Suppressors(1500W MosorbTM齐纳抗雷TVS))
|
ONSEMI[ON Semiconductor]
|