PART |
Description |
Maker |
MC68HC711G5 MC68HC11G5 MC68HC11G5CFN MC68HC11G7 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
|
MOTOROLA[Motorola, Inc]
|
68HC705SR3 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
|
Motorola, Inc.
|
MC68HC05 MC68HC05B16 MC68HC05B32 MC68HC05B4 MC68HC |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
|
Motorola, Inc
|
MC68HC705SR3 68HC705SR3 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
|
MOTOROLA[Motorola, Inc]
|
MC68HC11KW1 |
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit 8-BIT, EEPROM, 4 MHz, MICROCONTROLLER, PQFP100
|
Motorola Mobility Holdings, Inc.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
ISPLSI1016EA ISPLSI1016EA-100LJ44 ISPLSI1016EA-100 |
125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD In-System Programmable High Density PLD 200 MHz in-system prommable high density PLD
|
Lattice Semiconductor
|
HDRIGHTANGLE 781-M15-113R141 781-M15-113R001 781-M |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
|
List of Unclassifed Manufacturers
|
ISPLSI2192VE100LB144 ISPLSI2192VE100LB144I ISPLSI2 |
3.3V In-System Programmable SuperFAST?High Density PLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST垄芒 High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD EE PLD, 13 ns, PQFP128
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI2032A-110LT48I ISPLSI2032A-135LJI ISPLSI2032 |
In-System Programmable High Density PLD EE PLD, 8 ns, PQFP44 In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件 In-System Programmable High Density PLD EE PLD, 10 ns, PQCC44 In-System Programmable High Density PLD EE PLD, 10 ns, PQFP48 In-System Programmable High Density PLD EE PLD, 7.5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
ISPLSI5512VA-100LB272 ISPLSI5512VA-70LQ208 5512VA |
70 MHz in-system prommable 3.3V superWIDE high density PLD In-System Programmable 3.3V SuperWIDE⑩ High Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD 110 MHz in-system prommable 3.3V superWIDE high density PLD
|
LATTICE[Lattice Semiconductor]
|