PART |
Description |
Maker |
TA79L015P TA79L006P TA79L018P TA79L024P TA79L008P |
Three-Terminal Negative Voltage Regulators -15V Three-Terminal Negative Voltage Regulators -6V Three-Terminal Negative Voltage Regulators -18V Three-Terminal Negative Voltage Regulators -24V Three-Terminal Negative Voltage Regulators -8V Three-Terminal Negative Voltage Regulators -5V Three-Terminal Negative Voltage Regulators -10V Three-Terminal Negative Voltage Regulators -9V Three-Terminal Negative Voltage Regulators -12V Three-Terminal Negative Voltage Regulators -20V
|
TOSHIBA
|
OM1915NTM OM1912NTM OM1905STM OM1915STM OM1912STM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A5V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A15V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A12V,三端精密型固定负电压稳压器)
|
International Rectifier List of Unclassifed Manufacturers
|
L88M00TSERIES L88M33T L88M00T L88M09T L88M0XT L88M |
Voltage Regulators: 5V low-saturation voltage regulator 3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator 3.32 V.5低压降稳压器 3.3 to 12 V / 0.5 A Low Dropout Voltage Regulator Monolithic Linear IC Voltage Regulators: 12V low-saturation voltage regulator Voltage Regulators: 3.3V low-saturation voltage regulator
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
SG7815AIG SG7815AK SG7815AL SG7815AT SG7815T SG781 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Test, Static charge; Features:Includes charger and charge plate. Use with mfg part no 718 Stataic Sensor RoHS Compliant: NA Positive Fixed Linear Voltage Regulators
|
Microsemi, Corp. Fairchild Semiconductor, Corp. MICRO-ELECTRONICS[Micro Electronics] List of Unclassifed Manufacturers
|
MC33264-D MC33264DM-5.0 |
LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Micropower smallCAPE Voltage Regulators with On/Off Control
|
ON Semiconductor
|
MZP4729ARR1 MZP4729ARL MZP4729ARR2 MZP4729A_06 MZP |
3 Watt DO−41 Surmetic TM 30 Zener Voltage Regulators 3 Watt DO41 Surmetic 30 Zener Voltage Regulators(3W,DO41,Surmetic 30,齐纳稳压管) 3.6 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
ONSEMI[ON Semiconductor]
|
MM5Z4V3T1G MM5Z4V7T1G MM5Z10VT1G MM5Z11VT1G MM5Z20 |
Zener Voltage Regulators 300 mW SOD?23 Surface Mount Zener Voltage Regulators
|
ON Semiconductor
|
JAN7805K JAN7805T JAN7815K JAN7815T SG7815AIG_DESC |
POSITIVE FIXED VOLTAGE REGULATOR Positive Fixed Linear Voltage Regulators THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBCY3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBFM2 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 30M 15 V FIXED POSITIVE REGULATOR, CSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:23; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No JT 26C 26#20 SKT WALL RECP JT 55C 55#22D PIN PLUG JT 10C 10#20 SKT RECP JT 23C 21#20 2#16 SKT PLUG Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes JT 10C 10#20 PIN RECP From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
MMBZ52XXBLT1 MMBZ52XXBLT1G MMBZ52XXBLT3 MMBZ52XXBL |
Zener Voltage Regulators 225 mW SOT23 Surface Mount(榻?撼绋冲?绠? Zener Voltage Regulators 225 mW SOT23 Surface Mount(齐纳稳压 4.7 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 225 mW SOT23 Surface Mount(齐纳稳压 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 225 mW SOT-23 Surface Mount
|
ONSEMI[ON Semiconductor]
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|