PART |
Description |
Maker |
BAS21M3T5G |
SOT-723 SS Switching Diode SIGNAL DIODE High Voltage Switching Diode
|
ON Semiconductor
|
MMBD4448HSDW-TP MMBD4448HAQW-TP |
DIODE SWITCHING 80V 250MA SOT363 0.25 A, 80 V, 4 ELEMENT, SILICON, SIGNAL DIODE 200mW Switching Diodes
|
Micro Commercial Components, Corp.
|
M1MA142WKT1 M1MA141WK M1MA141WKT1 ON0326 M1MA141WK |
From old datasheet system SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT COMMON CATHODE DUAL SWITCHING DIODE 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
1N6642 1N4305 1N4149 1N4449 1N4444 1N4447 1N6638 1 |
COMPUTER DIODE Switching COMPUTER SWITCHING DIODE 200mA Low Power Switching
|
MICROSEMI CORP-LOWELL MICROSEMI[Microsemi Corporation]
|
1N4148 |
SMALL SIGNAL SWITCHING DIODE Fast Switching Diode
|
Chenyi Electronics Comchip Technology
|
CPD83V |
Switching Diode High Speed Switching Diode Chip
|
Central Semiconductor Corp
|
IKA10N60T |
600V & 1200V IGBT for frequencies up to 10kHz for hard switching and up to 30kHz for soft switching with antiparallel diode. ... IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode From old datasheet system
|
INFINEON[Infineon Technologies AG]
|
70HFL100 70HFLR100S05 70HFLR10S02 70HFL40 |
Diode Switching 100V 70A 2-Pin DO-5 Diode Switching 1KV 70A 2-Pin DO-5 Diode Switching 400V 70A 2-Pin DO-5
|
New Jersey Semiconductor
|
FD700 FD777 |
Diode Switching 30V 0.05A 2-Pin DO-7 Diode Switching 15V 0.05A
|
New Jersey Semiconductor
|
CMHD7006 |
SMD Switching Diode Single: High Voltage SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|