PART |
Description |
Maker |
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
JHC350R4 JHC350R41 JHW350R41Z JHW350R1 JHC350R4Z |
18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
|
Lineage Power Corporation
|
HC006A6A1 HC006A6A1-S HC006A6A1-SZ HC006A6A1Z HC00 |
18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
|
Lineage Power Corporation
|
HL01R05S15Y HL01R05S15Y/H HL01R12D05Y HL01R12D05Y/ |
0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1170-9 00; No. of Positions: 80; Stack Height (mm): 0.9; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1293-9 00; No. of Positions: 40; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1274-4 81; Contact Mating Area Plating: Gold 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1011-0 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Double row retainer 模拟IC Analog IC 模拟IC 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1030-5 00; No. of Positions: 6; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Single row retainer
|
SCHURTER AG Electronic Theatre Controls, Inc.
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LTC2321-12-15 |
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2321-12 |
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2348-18-15 |
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2335HLX-16PBF |
16-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2348ILX-16PBF |
Octal, 16-Bit, 200ksps Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
NCS12S1212C NCS12D1205C NCS12D1212C NCS12D1215C NC |
UL 60950 recognition pending 4:1 Wide range voltage input Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
|
Murata Power Solutions Inc.
|