PART |
Description |
Maker |
MMC40192 MMC40193 |
Synchronous presettable 4-bit binary up/down counter Synchronous presettable 4-bit BCD up/down counter PRESETTABLE UP / DOWN COUNTERS
|
Microelectronica Micro Electronics
|
AMS2907CL-5.0 AMS2907-1.5 AMS2907-1.8 AMS2907-2.5 |
SWTCH ROLLER SPDT 15A SCRW TERM 500mA LOW DROPOUT VOLTAGE REGULATOR 500mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Roller Lever Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-051 Synchronous Presettable Binary Counters with Synchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Synchronous Reset 16-PDIP -55 to 125
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
74LVC163 74LVC163D 74LVC163DB 74LVC163PW 74LVC163P |
From old datasheet system Presettable synchronous 4-bit binary counter; synchronous reset
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IDT74LVC161A 74LVC161A_DS_88829 IDT74LVC161AQ8 |
3.3V CMOS Preset Table Synchronous 4-Bit Binary Counter with Asynchronous Reset, 5.0V Tolerant I/O From old datasheet system 3.3V CMOS PRESETTABLE SYNCHRONOUS 4-BIT BINARY COUNTER
|
IDT
|
54161DM 54161FM 54163DM 54163FM 54LS163DM 74163DC |
V(cc): 5V; synchronous presettable binary counter
|
Fairchild Semiconductor
|
74LVC169 74LVC169DB 74LVC169D112 74LVC169D118 |
Presettable synchronous 4-bit up/down binary counter
|
NXP Semiconductors N.V.
|
74ACT193 |
Presettable Synchronous 4 Bit Binary Up/Down Counter with Reset
|
Harris Semiconductor
|
74ACT193 |
Presettable Synchronous 4 Bit Binary Up/Down Counter with Reset
|
RCA Solid State
|
74HC161 74HC161N 74HC161D 74HC161DB 74HC161PW 74HC |
Presettable synchronous 4-bit binary counter asynchronous reset Presettable synchronous 4-bit binary counter; asynchronous reset
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74ACT11191D 74ACT11191N |
5 V, asynchronous presettable synchronous 4-bit binary up/down counter with single clock
|
Philips
|
MMC4029 |
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE Synchronous presettable Up/Down counter, binary or BCD-decade
|
Micro Electronics Microelectronica
|