PART |
Description |
Maker |
505110MB003XX00XX 505110MB004XX00XX 505110MB004XX0 |
BATTERY CONN SPRING S.M.T TYPE
|
SUYIN USA, INC.
|
ADMC328YN-XXX-YY ADMC328TR-XXX-YY ADMC328YR-XXX-YY |
30MM FLUSH CLEAR PB SPRING RTRN 30MM FLUSH RED PB SPRING RTRN 30MM FLUSH BLACK PB SPRING RTRN 30MM FLUSH YELLOW PUB SPRING RTRN 28-Lead ROM-Based DSP Motor Controller with Current Sense 28 - ROM的铅基于DSP的电机控制器的电流检
|
Analog Devices, Inc.
|
MBC-B-X |
PITCH BATTERY CONNECTOR SPRING TYPE
|
Adam Technologies, Inc.
|
54927-0520 |
5.00mm Pitch MTC Spring Type Receptacle, Lead-Free, 5 Circuits Version
|
Molex Electronics Ltd.
|
54928-0571 |
7.50mm (.295) Pitch MTC?/a> Spring Type Receptacle, 5 Circuits Version, Black Color
|
Molex Electronics Ltd.
|
AT90CAN128 AT90CAN128-16MI AT90CAN128-16AE AT90CAN |
8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller 8位微控制器集成有128KB的ISP的闪存控制器CAN字节 Closed End Wire Splice; Color:Tan/Yellow; Wire Size (AWG):2 #22 to 3 #12; Contact Material:Spring Steel; Pack Quantity:100; Series:T/Y ; Terminal Type:Insulated IDC Electrical Spring
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
430-10-204-00-240000 430-10-264-00-240000 419-10-2 |
SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
|
Mill-Max Mfg. Corp.
|
Z8L18008FEC Z8L18008VEC Z8L18008PEC Z8L18010FSC Z8 |
Microprocessor Unit Z8018x Family MPU Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:4VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:10uF; Capacitance Tolerance: /- 20%; ESR:2.2ohm; Leaded Process Compatible:Yes; Operating Temp. Max:105 C RoHS Compliant: Yes CONN RING INSUL 26-24 AWG #8 CONN RING INSUL 26-24 AWG #6 CONN RING INSUL 26-24 AWG #2 8-BIT, MICROPROCESSOR, PDIP64 ENHANCED Z180 MICROPROCESSOR Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:6.8uF; Capacitance dielectric type:Niobium Oxide; Case style:P; Depth, external:1.5mm; Length / Height, RoHS Compliant: Yes Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:2.5VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:15uF; Capacitance Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:4.7uF; Capacitance
|
ZILOG INC Zilog Inc. Zilog. ZiLOG, Inc.
|
HM2R70PA5108N9LF |
MPACS 5 2R RA RCP CONN TYPE B
|
FCI connector
|