PART |
Description |
Maker |
DG186 DG187 DG188 DG187AP/883 DG187AA/883 DG188AA/ |
SPDT Analog Switch SPDT模拟开 High-Speed Drivers with SPDT JFET Switches Hi-Speed Drvrs w/SPDT JFET Switches
|
Intersil, Corp. Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
7813S-1-051E |
Switches 16volt SPDT 3mm 50 cycle ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.1A, 16VDC, SURFACE MOUNT-RIGHT ANGLE
|
Bourns, Inc.
|
MAX4684 MAX4684EBC MAX4684ETB MAX4684EUB MAX4684-M |
0.5 /0.8 Low-Voltage / Dual SPDT Analog Switches in UCSP 0.5 ?0.8 ?Low-Voltage, Dual SPDT Analog Switches in UCSP 0.5 /0.8 Low-Voltage, Dual SPDT Analog Switches in UCSP " 0.5|?/0.8|? Low- Voltage, Dual SPDT Analog Switches in UCSP" 0.5 з/0.8 зLow-Voltage, Dual SPDT Analog Switches in UCSP 0.5 蟹/0.8 蟹Low-Voltage, Dual SPDT Analog Switches in UCSP
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL8394 ISL8394IB ISL8394IB-T |
Low-Voltage/ Single and Dual Supply/ Quad SPDT/ Analog Switches Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches Low-Voltage Single and Dual Supply Quad SPDT Analog Switches Analog Switch or Multiplexer, SPDT, Quad, 2 x NOpen, 2 x NClosed, Ron 17 @ V, Single Supply, 2V to 12V or Dual Supply 2.0V to V
|
INTERSIL[Intersil Corporation]
|
5962-9669101HTC 5962-9669102HTA 5962-9669103HUA 59 |
3O Single SPST Analog Switches 3V/5V, 4 Ohm, Wideband Quad 2:1 Analog Multiplexer 2.5O, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package x8的SRAM 1.25O, Dual, SPST, CMOS Analog Switch x8的SRAM x8 SRAM x8的SRAM 0.5/0.8 Low-Voltage, Dual SPDT Analog Switches in UCSP x8的SRAM 2.5O, Dual, SPST, CMOS Analog Switches x8的SRAM
|
Electronic Theatre Controls, Inc. Harwin PLC Actel, Corp. Littelfuse, Inc. TE Connectivity, Ltd. Glenair, Inc.
|
PCN11S-PFB-2-CP PCN11-100P-2.54WC-2 PCN11-96P-2.54 |
100 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, WIRE WRAP PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type) PCN11系列(产品符合符合DIN标准:无焊连接类型) 96 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT SWITCH PB MOM SPDT 3A R/A SWITCH PB SPDT VERT 3A PCB SWITCH PB SPDT VERT SOLDER 3A Snap Acting pushbutton switches feature multiple termination options Snap acting pushbutton switches with snap in panel mount option SMB MINI 75 OHM JACK 2 HOLE FLANGE SOLDER CUP GOLD SWITCH PB SPDT VERT SOLDER .4A
|
http:// TE Connectivity, Ltd. HIROSE ELECTRIC Co., Ltd. Honda Tsushin Kogyo Co., Ltd. Hirose Electric USA, INC.
|
AWS5518 AWS5518S14 |
The AWS5518 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-26 plastic package. Switches GaAs IC SPDT Reflective Switch DC-2.0 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
MAX4659 MAX4659ESA MAX4659EUA MAX4660ESA MAX4660EU |
High-Current / 25 / SPDT / CMOS Analog Switches High-Current, 25, SPDT, CMOS Analog Switches High-Current 25 SPDT CMOS Analog Switches High-Current, 25з, SPDT, CMOS Analog Switches High-Current, 25? SPDT, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
TK31S1A1B1T1AUNV TK31S1A2B2T6AUNV TK31S1A2B2T7AUNV |
Sub-Miniature SPDT Toggle Switches
|
GREATECS http://
|
100C9289 |
DAICO Switches SPST, SPDT
|
DAICO Industries
|
MAX4818 MAX4818ETE MAX4819 MAX4819ETE |
High-Bandwidth T1/E1 Dual-SPDT Switches/4:1 Muxes
|
Maxim Integrated Products
|
DG3516 DG3516DB-T5-E1 DG3517 DG3517DB-T5-E1 |
300-MHz, 2.5-楼?, Dual SPDT Analog Switches 300-MHz, 2.5-Ω, Dual SPDT Analog Switches
|
Vishay Siliconix
|